Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS020N06C Datasheet (PDF) - ON Semiconductor

NTMFS020N06C Datasheet PDF - ON Semiconductor
Part # NTMFS020N06C
Download  NTMFS020N06C Download
File Size   185.91 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET- Power, Single N-Channel, SO8FL 60 V, 19.6 m, 28 A

NTMFS020N06C Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFS020N06C Datasheet PDF - ON Semiconductor

Part # NTMFS020N06C
Download  NTMFS020N06C Click to download

File Size   185.91 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET- Power, Single N-Channel, SO8FL 60 V, 19.6 m, 28 A

NTMFS020N06C Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMFS020N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS022N15MC ONSEMI-NTMFS022N15MC Datasheet
284Kb / 9P
MOSFET - N-Channel Shielded Gate PowerTrench
September, 2020 ??Rev. 0
More results


Similar Description - NTMFS020N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD016N06C ONSEMI-NTMFD016N06C Datasheet
225Kb / 8P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
January, 2020 ??Rev. 0
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD030N06C ONSEMI-NTMFD030N06C Datasheet
252Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0
NTMFD5877NL ONSEMI-NTMFD5877NL Datasheet
224Kb / 8P
MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0
NTMFD5C680NL ONSEMI-NTMFD5C680NL Datasheet
362Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 28 m, 26 A
May, 2019 ??Rev. P3
NVMFD020N06C ONSEMI-NVMFD020N06C Datasheet
254Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
NVMFD5C680NL ONSEMI-NVMFD5C680NL Datasheet
364Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 28 m, 26 A
March, 2021-Rev. 2
NVMFS020N06C ONSEMI-NVMFS020N06C Datasheet
187Kb / 7P
MOSFET- Power, Single N-Channel, SO-8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFWS1D5N08X ONSEMI-NVMFWS1D5N08X Datasheet
164Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 1.43 m, 253 A
April, 2023 - Rev. 0
NTMFS4D0N08X ONSEMI-NTMFS4D0N08X Datasheet
231Kb / 8P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3.5 m, 119 A
December, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com