Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS002N10MCL Datasheet (PDF) - ON Semiconductor

NTMFS002N10MCL Datasheet PDF - ON Semiconductor
Part # NTMFS002N10MCL
Download  NTMFS002N10MCL Download
File Size   129.85 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A

NTMFS002N10MCL Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFS002N10MCL Datasheet PDF - ON Semiconductor

Part # NTMFS002N10MCL
Download  NTMFS002N10MCL Click to download

File Size   129.85 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A

NTMFS002N10MCL Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMFS002N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS002P03P8Z ONSEMI-NTMFS002P03P8Z Datasheet
179Kb / 7P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.4 m, -263 A
January, 2021 ??Rev. 1
NTMFS002P03P8ZT1G ONSEMI-NTMFS002P03P8ZT1G Datasheet
179Kb / 7P
MOSFET - Power, Single P-Channel, SO8-FL -30 V, 1.4 m, -263 A
January, 2021 ??Rev. 1
More results


Similar Description - NTMFS002N10MCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMTS002N10MC ONSEMI-NTMTS002N10MC Datasheet
320Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0
NTMTSC002N10MC ONSEMI-NTMTSC002N10MC Datasheet
273Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.0 m, 236 A
September, 2021-Rev. 1
NTMTSC1D6N10MC ONSEMI-NTMTSC1D6N10MC Datasheet
262Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 267 A
September, 2021-Rev. 1
NTMYS2D9N04CL ONSEMI-NTMYS2D9N04CL Datasheet
341Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 2.8 m, 110 A
June, 2019-Rev. 1
NVCR4LS2D8N08M7A ONSEMI-NVCR4LS2D8N08M7A Datasheet
149Kb / 6P
MOSFET ??Power, N-Channel 80 V, 2.8 m
February, 2022 ??Rev. 0
NVMFS6H801N ONSEMI-NVMFS6H801N Datasheet
210Kb / 7P
MOSFET ??Power, Single, N-Channel 80 V, 2.8 m, 157 A
August, 2020 ??Rev. 3
NVMYS2D9N04CL ONSEMI-NVMYS2D9N04CL Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.8 m, 110 A
July, 2019 ??Rev. 1
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
NVMFWS002N10MCL ONSEMI-NVMFWS002N10MCL Datasheet
159Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 177 A
October, 2021 - Rev. 0
NVMJST2D6N08H ONSEMI-NVMJST2D6N08H Datasheet
316Kb / 7P
MOSFET – Power, Single N-Channel 80 V, 2.8 m, 131.5 A
October, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com