Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMTS002N10MC Datasheet (PDF) - ON Semiconductor

NTMTS002N10MC Datasheet PDF - ON Semiconductor
Part # NTMTS002N10MC
Download  NTMTS002N10MC Download
File Size   320.56 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A

NTMTS002N10MC Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMTS002N10MC Datasheet PDF - ON Semiconductor

Part # NTMTS002N10MC
Download  NTMTS002N10MC Click to download

File Size   320.56 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A

NTMTS002N10MC Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMTS002N10MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMTS002N08MC ONSEMI-NTMTS002N08MC Datasheet
412Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8 80 V, 2 m, 229 A
June, 2020-Rev. 1
More results


Similar Description - NTMTS002N10MC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86246 FAIRCHILD-FDT86246 Datasheet
232Kb / 6P
N-Channel Power Trench짰 MOSFET 150 V, 2 A, 236 m廓
logo
ON Semiconductor
NTMYS2D4N04C ONSEMI-NTMYS2D4N04C Datasheet
203Kb / 6P
Power MOSFET 40 V, 2.3 m, 138 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTMFS002N10MCL ONSEMI-NTMFS002N10MCL Datasheet
129Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.8 m, 175 A
October, 2021 ??Rev. 1
NTMTSC002N10MC ONSEMI-NTMTSC002N10MC Datasheet
273Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 2.0 m, 236 A
September, 2021-Rev. 1
NTMTSC1D6N10MC ONSEMI-NTMTSC1D6N10MC Datasheet
262Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 267 A
September, 2021-Rev. 1
NTMYS4D1N06CL ONSEMI-NTMYS4D1N06CL Datasheet
333Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.0 m, 100 A
November, 2019-Rev. 1
NTTFS012N10MD ONSEMI-NTTFS012N10MD Datasheet
267Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14.4 m, 45 A
June, 2021 ??Rev. 1
NVMTS1D6N10MC ONSEMI-NVMTS1D6N10MC Datasheet
324Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
NVMYS2D4N04C ONSEMI-NVMYS2D4N04C Datasheet
279Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 2.3 m, 138 A
July, 2019 ??Rev. 0
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com