Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMTS002N10MC Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTMTS002N10MC
Description  MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMTS002N10MC Datasheet(HTML) 2 Page - ON Semiconductor

  NTMTS002N10MC Datasheet HTML 1Page - ON Semiconductor NTMTS002N10MC Datasheet HTML 2Page - ON Semiconductor NTMTS002N10MC Datasheet HTML 3Page - ON Semiconductor NTMTS002N10MC Datasheet HTML 4Page - ON Semiconductor NTMTS002N10MC Datasheet HTML 5Page - ON Semiconductor NTMTS002N10MC Datasheet HTML 6Page - ON Semiconductor NTMTS002N10MC Datasheet HTML 7Page - ON Semiconductor NTMTS002N10MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© Semiconductor Components Industries, LLC, 2019
April, 2021 − Rev. 0
1
Publication Order Number:
NTMTS002N10MC/D
MOSFET - Power, Single
N-Channel
100 V, 2.3 mW, 236 A
NTMTS002N10MC
Features
• Small Footprint (8x8 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• New Power 88 Package
• These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 3)
Steady
State
TC = 25°C
ID
236
A
TC = 100°C
167
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
255
W
TC = 100°C
128
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
45
A
TA = 100°C
31.5
Power Dissipation
RqJA (Notes 1, 2)
TA = 25°C
PD
9
W
TA = 100°C
5
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
213
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 18.2 A)
EAS
2223
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
0.6
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
16.4
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
MARKING
DIAGRAM
www.onsemi.com
N−CHANNEL MOSFET
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
G (1)
S (2−4)
D (5−8)
DFNW8
CASE 507AP
002N10MC = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot Code
Y
= Year Code
W
= Work Week Code
002N10MC
AWLYWW
V(BR)DSS
RDS(on) MAX
ID MAX
100 V
2.3 mW @ 10 V
236 A
5.3 mW @ 6 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com