Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-RF0 Datasheet (PDF) - STMicroelectronics

SPBTLE-RF0 Datasheet PDF - STMicroelectronics
Part # SPBTLE-RF0
Download  SPBTLE-RF0 Download
File Size   3266.13 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low power network processor module for Bluetooth® Low Energy v4.1

SPBTLE-RF0 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPBTLE-RF0 Datasheet PDF - STMicroelectronics

Part # SPBTLE-RF0
Download  SPBTLE-RF0 Click to download

File Size   3266.13 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low power network processor module for Bluetooth® Low Energy v4.1

SPBTLE-RF0 Datasheet (HTML) - STMicroelectronics


SPBTLE-RF0 Product details

Description
The SPBTLE-RF0 is an easy to use Bluetooth® Low Energy network processor module, compliant with Bluetooth v4.1. The SPBTLE-RF0 module supports multiple roles simultaneously, and can act at the same time as Bluetooth Low Energy master and slave device. Product status link SPBTLE-RF0 Very low power network processor module for Bluetooth® Low Energy v4.1 SPBTLE-RF0 Datasheet DS12080 - Rev 3 - January 2021 For further information contact your local STMicroelectronics sales office.

Features
■ Bluetooth v4.1 compliant – Supports master and slave modes – Multiple roles supported simultaneously
■ Embedded Bluetooth low energy protocol stack – GAP, GATT, SM, L2CAP, LL, RFPHY
■ Bluetooth low energy profiles provided separately
■ Bluetooth radio performance: – Embedded ST BlueNRG-MS – Tx power: + 4 dBm – Rx sensitivity: - 88 dBm – Provides up to 92 dB link budget with excellent link reliability
■ Host interface – SPI, IRQ, and RESET – On-field stack upgrading available via SPI
■ AES security co-processor
■ Certifications: – CE qualified – FCC, IC modular approval certified – BT SIG qualified
■ On-board chip antenna
■ Operating supply voltage: from 1.7 to 3.6 V
■ Operating temperature range: -40 °C to 85 °C

Applications
■ Watches
■ Fitness, wellness and sports
■ Consumer medical
■ Security/proximity
■ Remote control
■ Home and industrial automation
■ Assisted living
■ Mobile phone peripherals
■ PC peripherals




Similar Part No. - SPBTLE-RF0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
929Kb / 23P
Fitness, wellness and sports
11-Jan-2016
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
1Mb / 6P
Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
More results


Similar Description - SPBTLE-RF0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-MS STMICROELECTRONICS-BLUENRG-MS Datasheet
1Mb / 42P
Upgradable Bluetooth Low Energy network processor
01-Feb-2016
SPBTLE-1S STMICROELECTRONICS-SPBTLE-1S Datasheet
929Kb / 27P
Very low power application processor module for Bluetooth® Low Energy v4.2
October 2017 Rev 3
BLUENRG-M2 STMICROELECTRONICS-BLUENRG-M2 Datasheet
2Mb / 30P
Very low power application processor module for Bluetooth® low energy v5.0
Rev 2
BLUENRG-M0 STMICROELECTRONICS-BLUENRG-M0 Datasheet
2Mb / 28P
Very low power network processor module for Bluetooth® low energy v4.2
Mar-2020
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Renesas Technology Corp
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com