Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-M2 Datasheet (PDF) - STMicroelectronics

BLUENRG-M2 Datasheet PDF - STMicroelectronics
Part # BLUENRG-M2
Download  BLUENRG-M2 Download
File Size   2753.48 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low power application processor module for Bluetooth® low energy v5.0

BLUENRG-M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLUENRG-M2 Datasheet PDF - STMicroelectronics

Part # BLUENRG-M2
Download  BLUENRG-M2 Click to download

File Size   2753.48 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low power application processor module for Bluetooth® low energy v5.0

BLUENRG-M2 Datasheet (HTML) - STMicroelectronics


BLUENRG-M2 Product details

Features
■ Bluetooth v5.0 compliant – Supports master and slave modes – Multiple roles supported simultaneously – LE data packet length extension
■ Embedded ST BlueNRG-2 BLE SoC – High performance, ultra-low power Cortex-M0 32-bit based core – Programmable embedded 256 kB Flash – 24 kB embedded RAM with data retention – Up to +8 dBm available output power – Down to -88 dBm Rx sensitivity – Up to 96 dB link budget with excellent link reliability
■ Embedded BALF-NRG-02D3 integrated matched balun with harmonic filter
■ Interfaces: – 1 x UART, 1 x I2C, 1xSPI, 14 x GPIO, 2 x multifunction timer, 10-bit ADC, watchdog and RTC, DMA controller, PDM stream processor, SWD debug interface
■ On-board chip antenna (BLUENRG-M2SA) or PCB antenna (BLUENRG-M2SP)
■ Small form factor: 11.5 mm x13.5 mm
■ Complemented with Bluetooth low energy protocol stack library (GAP, GATT, SM, L2CAP, LL)
■ AES secutity co-processor
■ Bluetooth low energy SDK with a wide range of available profiles
■ Certification – CE qualified – FCC, IC modular approval certified – TYPE qualified – BQE qualified
■ Pre-programmed UART bootloader
■ Operating supply voltage: from 1.7 to 3.6 V
■ Operating temperature range: -40 °C to 85 °C

Applications
■ Internet of Things
■ Smart Home
■ Building and industrial automation
■ Smart Lighting
■ Remote and access control
■ Fitness, wellness and sports
■ Consumer medical
■ Security and proximity
■ Assisted living
■ PC and smart phone peripherals Product status link BlueNRG-M2 Product label Very low power application processor module for Bluetooth® low energy v5.0 BlueNRG-M2 Datasheet DS13053 - Rev 2 - July 2019 For further information contact your local STMicroelectronics sales office.




Similar Part No. - BLUENRG-M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-M2SA STMICROELECTRONICS-BLUENRG-M2SA Datasheet
1Mb / 5P
Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
11-Apr-2022
More results


Similar Description - BLUENRG-M2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
Bluetooth Low Energy Module
07/14/15
logo
STMicroelectronics
SPBTLE-1S STMICROELECTRONICS-SPBTLE-1S Datasheet
929Kb / 27P
Very low power application processor module for Bluetooth® Low Energy v4.2
October 2017 Rev 3
BLUENRG-M0 STMICROELECTRONICS-BLUENRG-M0 Datasheet
2Mb / 28P
Very low power network processor module for Bluetooth® low energy v4.2
Mar-2020
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
logo
STMicroelectronics
SPBTLE-RF0 STMICROELECTRONICS-SPBTLE-RF0 Datasheet
3Mb / 25P
Very low power network processor module for Bluetooth® Low Energy v4.1
13-Jan-2021
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Renesas Technology Corp
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com