Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BLUENRG-M2
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2 Datasheet(HTML) 5 Page - STMicroelectronics

  BLUENRG-M2 Datasheet HTML 1Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 2Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 3Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 4Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 5Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 6Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 7Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 8Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
3
Software architecture
3.1
Software development kit
The BlueNRG-M2 module embeds the BlueNRG-2 application processor. Refer to the BlueNRG-2 web page
(http://www.st.com) to get access to:
•
BlueNRG-2 datasheet
•
development kit
•
Application notes
•
User manuals
•
Tools and software
•
Design note and tips
Software and firmware should be configured taking into account the BlueNRG-M2 specific configuration as
described in Section 2 Block diagram.
The BLUENRG-M2SA module has:
•
32 MHz crystal oscillator
•
32 kHz crystal oscillator
•
SMPS DC-DC converter
•
10 µH SMPS inductor
The projects provided with the development kit should be customized defining as following:
•
HS_SPEED_XTAL=HS_SPEED_XTAL_32MHZ
•
LS_SOURCE=LS_SOURCE_EXTERNAL_32KHZ
•
SMPS_INDUCTOR=SMPS_INDUCTOR_10uH
The BLUENRG-M2SP module has:
•
32 MHz crystal oscillator
•
LDO converter
The projects provided with the development kit should be customized as follows:
•
HS_SPEED_XTAL=HS_SPEED_XTAL_32MHZ
•
LS_SOURCE=LS_SOURCE_INTERNAL_RO
•
SMPS_INDUCTOR=SMPS_INDUCTOR_NONE
3.2
Software structure
There are two possible software architectures:
1.
Host-less mode (application processor): customer application runs on the BlueNRG-M2 module. Many
sample projects are available in the development kit
BlueNRG-M2
Software architecture
DS13053 - Rev 2
page 5/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com