Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-M2 Datasheet(PDF) 17 Page - STMicroelectronics

Part # BLUENRG-M2
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button BLUENRG-M2 Datasheet HTML 13Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 14Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 15Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 16Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 17Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 18Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 19Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 20Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
1. ETSI EN 300 328 V 2.1.1 (2016 11): “electromagnetic compatibility and radio spectrum Matters (ERM); Wideband
transmission systems; data transmission equipment operating in the 2.4 GHZ ISM band and using wideband modulation
techniques; harmonized EN covering essential requirements under article 3.2 of the R&TTE directive”.
2. ETSI EN 301 489-17 V 3.1.1 (2017 02): “electromagnetic compatibility and radio spectrum matters (ERM); electromagnetic
compatibility (EMC) standard for radio equipment and services; part 17: specific condition for 2.4 GHz wideband
transmission systems and 5 GHz high performance RLAN equipment”.
3. ETSI EN 301 489-1 V2.1.1 (2017 02): “electromagnetic compatibility and radio spectrum matters (ERM); electromagnetic
compatibility (EMC) standard for radio equipment and services; part 1: common technical requirements.
4. EN60950-1:2006 +A11:2009+A1:2010+A12:2011+A2:2013: “Information technology equipment - safety
The module is provided by CE marking:
The module has obtained the RED certificate:
•
0051-RED-0092 (BLUENRG-M2SA)
•
0051-RED-0098 (BLUENRG-M2SP)
The Certificate of Conformity is available / downloadable at the following web page: www.ST.com.
The certified module production firmware release is: 2.X
For additional information please refer to: STMicroelectronics Via C. Olivetti 2, Agrate Brianza 20864 (ITALY).
7.4
TYPE certification
The BlueNRG-M2 module has been tested according to following TYPE certification rules:
•
Type of specified radio equipment
–
Radio equipment according to certification ordinance article 2-1-9
•
Sophisticated low power radio data communication system in 2.4 GHz band.
•
Class of emissions, assigned frequency, and antenna power
–
F1D 2402 - 2480 MHz channel separation 2 MHz/40 channel, 0.005 W
•
Certification number:
–
006-000725 (BLUENRG-M2SA)
–
006-000726 (BLUENRG-M2SP)
7.5
Bluetooth certification
The module with embedded stack and profile has been qualified in accordance with SIG qualification rules:
•
Declaration ID: D043965
•
Qualified design ID: 121363
•
Product type: End Product
•
Core spec version: 5.0
•
Product description: Bluetooth low energy v5.0 module
BlueNRG-M2
TYPE certification
DS13053 - Rev 2
page 17/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com