Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-M2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # BLUENRG-M2
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button BLUENRG-M2 Datasheet HTML 4Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 5Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 6Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 7Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 8Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 9Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 10Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 11Page - STMicroelectronics BLUENRG-M2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
5
Electrical specifications
5.1
Electrical characteristics
Characteristic measured over recommended operating conditions unless otherwise specified. Typical values are
referred to VIN= 3.3 V, 25 °C, SMPS on, XO 32 kHz and 32 MHz.
Table 3. Electrical characteristics for the BLUENRG-M2SA
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDD
Supply current
Reset
5
nA
Standby
0.5
uA
Sleep mode: 32 kHz XO ON (24 kB retention
RAM)
0.9
μA
Active mode
1.89
mA
RX
7.55
mA
TX +8 dBm
14.78
mA
TX +4 dBm
10.73
mA
TX +2 dBm
9.27
mA
TX -2 dBm
8.46
mA
TX -5 dBm
7.89
mA
TX -8 dBm
7.45
mA
TX -11 dBm
7.17
mA
TX -14 dBm
7.01
mA
Characteristic measured over recommended operating conditions unless otherwise specified. Typical values are
referred to VIN= 3.3 V, 25 °C, SMPS off, RO 32 kHz and 32 MHz.
BlueNRG-M2
Electrical specifications
DS13053 - Rev 2
page 8/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com