Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC10H065DLF Datasheet (PDF) - STMicroelectronics

STPSC10H065DLF Datasheet PDF - STMicroelectronics
Part # STPSC10H065DLF
Download  STPSC10H065DLF Download
File Size   387.56 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 10 A power Schottky silicon carbide diode

STPSC10H065DLF Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC10H065DLF Datasheet PDF - STMicroelectronics

Part # STPSC10H065DLF
Download  STPSC10H065DLF Click to download

File Size   387.56 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 10 A power Schottky silicon carbide diode

STPSC10H065DLF Datasheet (HTML) - STMicroelectronics


STPSC10H065DLF Product details

Description
This 10 A, 650 V, SiC diode is an ultra-high performance power Schottky diode. It is manufactured using a silicon carbide substrate. The wide band gap material allows the design of a Schottky diode structure with a 650 V rating. Due to the Schottky construction, no recovery is shown at turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is independent of temperature. Qualified in low profile package, the STPSC10H065DLF in PowerFLAT 8x8 HV, enables low drop forward voltage associated to high surge capabilities in low space environment such as telecom and network, industrial or renewable energy domains. Product status link STPSC10H065DLF Product summary

Features
■ Less than 1 mm height package
■ High creepage package
■ No or negligible reverse recovery
■ Temperature independent switching behavior
■ High forward surge capability
■ Very low drop forward voltage
■ Power efficient product
■ ECOPACK2 compliant component

Applications
■ Boost PFC
■ Bootstrap diode
■ LLC clamping function
■ High frequency inverter applications




Similar Part No. - STPSC10H065DLF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
401Kb / 17P
650 V, 10 A high surge silicon carbide power Schottky diode
09-Jan-2020
STPSC10H065DI STMICROELECTRONICS-STPSC10H065DI Datasheet
401Kb / 17P
650 V, 10 A high surge silicon carbide power Schottky diode
09-Jan-2020
STPSC10H065DY STMICROELECTRONICS-STPSC10H065DY Datasheet
560Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
06-Feb-2017
More results


Similar Description - STPSC10H065DLF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP1065A ONSEMI-FFSP1065A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
January, 2020 ??Rev. 2
FFSM1065A ONSEMI-FFSM1065A Datasheet
467Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
December, 2019 ??Rev. 3
FFSP1065B-F085 ONSEMI-FFSP1065B-F085 Datasheet
279Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 3
FFSP1065B ONSEMI-FFSP1065B Datasheet
278Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 0
logo
STMicroelectronics
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC20065C STMICROELECTRONICS-STPSC20065C Datasheet
227Kb / 10P
650 V, dual 10 A, power Schottky silicon carbide diode
26-Apr-2019
logo
ON Semiconductor
FFSB1065B-F085 ONSEMI-FFSB1065B-F085_V01 Datasheet
331Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 3
FFSD1065B-F085 ONSEMI-FFSD1065B-F085_V01 Datasheet
396Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 5
FFSB1065A ONSEMI-FFSB1065A_V01 Datasheet
299Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
November, 2021 - Rev. 6
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com