Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20065C Datasheet (PDF) - STMicroelectronics

STPSC20065C Datasheet PDF - STMicroelectronics
Part # STPSC20065C
Download  STPSC20065C Download
File Size   227.93 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, dual 10 A, power Schottky silicon carbide diode

STPSC20065C Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC20065C Datasheet PDF - STMicroelectronics

Part # STPSC20065C
Download  STPSC20065C Click to download

File Size   227.93 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, dual 10 A, power Schottky silicon carbide diode

STPSC20065C Datasheet (HTML) - STMicroelectronics


STPSC20065C Product details

Features
• No or negligible reverse recovery
• Switching behavior independent of temperature
• Low Forward voltage drop
• Operating Tj from -40 °C to +175 °C
• ECOPACK2 compliant component
• Power efficient product

Description
The STPSC20065C is an ultra-high performance power Schottky diode. It is
manufactured using a silicon carbide substrate. The wide band gap material allows
the design of a Schottky diode structure with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and ringing patterns are negligible. The
minimal capacitive turn-off behavior is independent of temperature.
Especially suited for use in PFC applications, this ST SiC diode will boost
performance in hard switching conditions. Its high forward surge capability ensures
good robustness during transient phases.

Applications
• Air conditioning equipment
• PFC
• OBC (On board battery chargers)
• Server Power supplies
• Telecom power




Similar Part No. - STPSC20065C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
617Kb / 14P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y_V01 Datasheet
617Kb / 14P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC20065D STMICROELECTRONICS-STPSC20065D Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
More results


Similar Description - STPSC20065C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP1065A ONSEMI-FFSP1065A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
January, 2020 ??Rev. 2
logo
STMicroelectronics
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
logo
ON Semiconductor
FFSM1065A ONSEMI-FFSM1065A Datasheet
467Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
December, 2019 ??Rev. 3
FFSP1065B-F085 ONSEMI-FFSP1065B-F085 Datasheet
279Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 3
FFSP1065B ONSEMI-FFSP1065B Datasheet
278Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 0
logo
STMicroelectronics
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
logo
ON Semiconductor
FFSB1065B-F085 ONSEMI-FFSB1065B-F085_V01 Datasheet
331Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 3
FFSD1065B-F085 ONSEMI-FFSD1065B-F085_V01 Datasheet
396Kb / 7P
Silicon Carbide Schottky Diode 650 V, 10 A
March, 2022 - Rev. 5
FFSB1065A ONSEMI-FFSB1065A_V01 Datasheet
299Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
November, 2021 - Rev. 6
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com