Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20065C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC20065C
Description  650 V, dual 10 A, power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20065C Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC20065C Datasheet HTML 1Page - STMicroelectronics STPSC20065C Datasheet HTML 2Page - STMicroelectronics STPSC20065C Datasheet HTML 3Page - STMicroelectronics STPSC20065C Datasheet HTML 4Page - STMicroelectronics STPSC20065C Datasheet HTML 5Page - STMicroelectronics STPSC20065C Datasheet HTML 6Page - STMicroelectronics STPSC20065C Datasheet HTML 7Page - STMicroelectronics STPSC20065C Datasheet HTML 8Page - STMicroelectronics STPSC20065C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.1
Characteristics (curves)
Figure 1. Forward voltage drop versus forward current
(typical values, per diode)
0
2
4
6
8
10
12
14
16
18
20
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Ta=150 °C
Ta=175 °C
Ta=25 °C
Pulse test : tp=500µs
Ta=100 °C
A)
IF(
VF (V)
Figure 2. Reverse leakage current versus reverse voltage
applied (typical values, per diode)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
100
150
200
250
300
350
400
450
500
550
600
650
IR(µA)
Tj=25 °C
Tj=150 °C
Tj=175 °C
VR(V)
Figure 3. Peak forward current versus case temperature
( per diode)
0
20
40
60
80
0
25
50
75
100
125
150
175
I M (A)
δ =0.1
δ =0.3
δ =0.5
δ =0.7
δ =1
TC(°C)
T
δ=tp/T
tp
Figure 4. Junction capacitance versus reverse voltage
applied (typical values, per diode)
0
100
200
300
400
500
600
700
0.1
1.0
10.0
100.0
1000.0
F=1 MHz
VOSC=30 mVRMS
Tj=25 °C
VR(V)
Cj (pF)
STPSC20065C
Characteristics (curves)
DS12994 - Rev 1
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com