Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC12065-Y Datasheet (PDF) - STMicroelectronics

STPSC12065-Y Datasheet PDF - STMicroelectronics
Part # STPSC12065-Y
Download  STPSC12065-Y Download
File Size   478.6 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 650 V, 12 A, silicon carbide power Schottky diode

STPSC12065-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC12065-Y Datasheet PDF - STMicroelectronics

Part # STPSC12065-Y
Download  STPSC12065-Y Click to download

File Size   478.6 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 650 V, 12 A, silicon carbide power Schottky diode

STPSC12065-Y Datasheet (HTML) - STMicroelectronics


STPSC12065-Y Product details

Description
The SiC diode is an ultra high performance power Schottky diode. It is manufactured using a silicon carbide substrate. The wide band gap material allows the design of a Schottky diode structure with a 650 V rating. Due to the Schottky construction, no recovery is shown at turn-off and ringing patterns are negligible. The minimal capacitive turn-off behavior is independent of temperature. Especially suited for use in PFC applications, the STPSC12065-Y will boost performance in hard switching conditions. Its high forward surge capability ensures good robustness during transient phases. Product status link STPSC12065-Y Product summary IF(AV) 12 A VRRM 650 V Tj (max.) 175 °C VF (typ.) 1.30 V Automotive 650 V, 12 A, silicon carbide power Schottky diode STPSC12065-Y Datasheet DS11624 - Rev 4 - December 2018 For further information contact your local STMicroelectronics sales office.

Features
■ AEC-Q101 qualified
■ No or negligible reverse recovery
■ Switching behavior independent of temperature
■ Dedicated to PFC applications
■ High forward surge capability
■ PPAP capable
■ Operating Tj from -40 °C to 175 °C
■ VRRM guaranteed from -40 to +175 °C
■ D²PAK HV creepage distance (anode to cathode) = 5.38 mm min. (with top coating)
■ ECOPACK® 2 compliant

Applications
■ On board charger




Similar Part No. - STPSC12065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
Dedicated to PFC applications
10-May-2016
More results


Similar Description - STPSC12065-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20065-Y STMICROELECTRONICS-STPSC20065-Y Datasheet
519Kb / 11P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 1
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC10C065-Y STMICROELECTRONICS-STPSC10C065-Y Datasheet
223Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
24-Sep-2018
STPSC10H065BY-TR STMICROELECTRONICS-STPSC10H065BY-TR Datasheet
236Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
Rev 1 - March 2018
STPSC10065-Y STMICROELECTRONICS-STPSC10065-Y Datasheet
542Kb / 12P
Automotive 650 V power Schottky silicon carbide diode
09-Nov-2017
STPSC12065 STMICROELECTRONICS-STPSC12065 Datasheet
440Kb / 14P
650 V, 12 A power Schottky silicon carbide diode
25-Mar-2021
STPSC20H065CWLY STMICROELECTRONICS-STPSC20H065CWLY Datasheet
255Kb / 10P
Automotive 20 A 650 V power Schottky silicon carbide diode
13-Apr-2021
STPSC6C065-Y STMICROELECTRONICS-STPSC6C065-Y Datasheet
182Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
December 2016 Rev 2
STPSC40065C-Y STMICROELECTRONICS-STPSC40065C-Y Datasheet
440Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
May 2016 Rev 2
logo
ON Semiconductor
FFSB1265A ONSEMI-FFSB1265A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 12 A
November, 2021 - Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com