Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC12065 Datasheet (PDF) - STMicroelectronics

STPSC12065 Datasheet PDF - STMicroelectronics
Part # STPSC12065
Download  STPSC12065 Download
File Size   440.12 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 12 A power Schottky silicon carbide diode

STPSC12065 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC12065 Datasheet PDF - STMicroelectronics

Part # STPSC12065
Download  STPSC12065 Click to download

File Size   440.12 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 12 A power Schottky silicon carbide diode

STPSC12065 Datasheet (HTML) - STMicroelectronics


STPSC12065 Product details

Features
• No or negligible reverse recovery
• Switching behavior independent of temperature
• Dedicated to PFC applications
• High forward surge capability
• Operating Tj from -40 °C to 175 °C
• D²PAK HV creepage distance (anode to cathode) = 5.38 mm min.
• ECOPACK2 compliant
• Power efficient product

Description
The SiC diode is an ultra high performance power Schottky diode. It is manufactured
using a silicon carbide substrate. The wide band gap material allows the design of
a Schottky diode structure with a 650 V rating. Due to the Schottky construction,
no recovery is shown at turn-off and ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of temperature.
Housed in D²PAK HV, this diode is perfectly suited for a usage in PFC applications, in
charging station, DC/DC, easing the compliance to IEC-60664-1.

Applications
• DC/DC converter
• High frequency inverter
• Snubber
• Boost PFC function




Similar Part No. - STPSC12065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
450Kb / 9P
Dedicated to PFC applications
10-May-2016
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y_V01 Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
logo
Inchange Semiconductor ...
STPSC12065D ISC-STPSC12065D Datasheet
298Kb / 2P
SiC Schottky Diode
More results


Similar Description - STPSC12065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC10H065DLF STMICROELECTRONICS-STPSC10H065DLF Datasheet
387Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
March 2021
STPSC12065-Y STMICROELECTRONICS-STPSC12065-Y_V01 Datasheet
478Kb / 15P
Automotive 650 V, 12 A, silicon carbide power Schottky diode
December 2018
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC10065DLF STMICROELECTRONICS-STPSC10065DLF Datasheet
379Kb / 12P
650 V, 10 A power Schottky silicon carbide diode
31-Mar-2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
logo
ON Semiconductor
FFSB1265A ONSEMI-FFSB1265A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 12 A
November, 2021 - Rev. 4
logo
WOLFSPEED, INC.
C3D12065A WOLFSPEED-C3D12065A Datasheet
1Mb / 9P
3rd Generation 650 V, 12 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com