Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30L06-Y Datasheet (PDF) - STMicroelectronics

STTH30L06-Y Datasheet PDF - STMicroelectronics
Part # STTH30L06-Y_V01
Download  STTH30L06-Y Download
File Size   300.2 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 V, 30 A low drop ultrafast diode

STTH30L06-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH30L06-Y Datasheet PDF - STMicroelectronics

Part # STTH30L06-Y_V01
Download  STTH30L06-Y Click to download

File Size   300.2 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 600 V, 30 A low drop ultrafast diode

STTH30L06-Y Datasheet (HTML) - STMicroelectronics


STTH30L06-Y Product details

Description
The STTH30L06-Y is an ultrafast recovery power rectifier dedicated to energy efficiency housed in DO-247 and D²PAK. The STTH30L06-Y is especially designed for PFC boost function in Automotive applications. Product status link STTH30L06-Y Product summary IF(AV) 30 A VRRM 600 V VF typ.) 1.10 V trr (max.) 65 ns Tj (max.) 175 °C Automotive 600 V, 30 A low drop ultrafast diode STTH30L06-Y Datasheet DS7255 - Rev 3 - October 2020 For further information contact your local STMicroelectronics sales office.

Features
■ AEC-Q101 qualified
■ Ultrafast recovery
■ Low conduction losses
■ High surge capability
■ Low leakage current
■ High junction temperature
■ VRRM guaranteed from -40 to +175 °C
■ ECOPACK2 compliant (DO-247)

Applications
■ OBC in EV-HEV
■ Charging station
■ Output rectification
■ PFC topologies




Similar Part No. - STTH30L06-Y_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y Datasheet
109Kb / 8P
Low thermal resistance
24-Oct-2012
More results


Similar Description - STTH30L06-Y_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
60 A, 600 V Ultrafast Diode
logo
Diodes Incorporated
FFPF30UA60S DIODES-FFPF30UA60S Datasheet
2Mb / 5P
30 A, 600 V, Ultrafast ll Diode
Rev erse
logo
STMicroelectronics
STGW35HF60WDI STMICROELECTRONICS-STGW35HF60WDI Datasheet
1Mb / 15P
35 A, 600 V ultrafast IGBT with low drop diode
25-Aug-2011
STTH30M06S STMICROELECTRONICS-STTH30M06S Datasheet
208Kb / 10P
600 V, 30 A ultrafast high voltage diode
03-Jun-2021
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
logo
ON Semiconductor
RURG3060CC-F085 ONSEMI-RURG3060CC-F085 Datasheet
488Kb / 7P
Ultrafast Rectifier 30 A, 600 V
February, 2020 - Rev. 4
RURG3060-F085 ONSEMI-RURG3060-F085 Datasheet
5Mb / 7P
Ultrafast Rectifier 30 A, 600 V
March, 2020 - Rev. 4
logo
STMicroelectronics
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com