Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30RQ06-Y Datasheet (PDF) - STMicroelectronics

STTH30RQ06-Y Datasheet PDF - STMicroelectronics
Part # STTH30RQ06-Y
Download  STTH30RQ06-Y Download
File Size   539.91 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive turbo 2 ultrafast high voltage rectifier

STTH30RQ06-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STTH30RQ06-Y Datasheet PDF - STMicroelectronics

Part # STTH30RQ06-Y
Download  STTH30RQ06-Y Click to download

File Size   539.91 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive turbo 2 ultrafast high voltage rectifier

STTH30RQ06-Y Datasheet (HTML) - STMicroelectronics


STTH30RQ06-Y Product details

Description
The STTH30RQ06-Y has been developed to be used in application requiring a highvoltage secondary rectification for LLC Full Bridge topology. It is also suited for use in switching power supplies and automotive applications, industrial applications, as rectification, freewheeling and clamping diode. Product status link STTH30RQ06-Y Product summary IF(AV) 30 A VRRM 600 V VF (typ.) 1.45 V trr (max.) 30 ns Tj -40 °C to +175 °C Automotive turbo 2 ultrafast high voltage rectifier STTH30RQ06-Y Datasheet DS12165 - Rev 3 - November 2018 For further information contact your local STMicroelectronics sales office.

Features
■ AEC-Q101 qualified
■ High junction temperature capability
■ Ultrafast with soft recovery behavior
■ Low reverse current
■ Low thermal resistance
■ Reduce switching and conduction losses
■ PPAP capable
■ D²PAK HV creepage distance (anode to cathode) = 5.38 mm min. (with top coating)
■ VRRM guaranteed from -40 °C to 175 °C
■ ECOPACK® 2 compliant (DO-247, TO-220AC)

Applications
■ Output rectification
■ PFC
■ UPS
■ Air conditioning
■ Charging station




Similar Part No. - STTH30RQ06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30RQ06 STMICROELECTRONICS-STTH30RQ06 Datasheet
628Kb / 20P
600 V, 30 A ultrafast high voltage rectifier
March 2020
STTH30RQ06L2 STMICROELECTRONICS-STTH30RQ06L2 Datasheet
460Kb / 12P
600 V, 30 A ultrafast high voltage rectifier
03-Dec-2021
STTH30RQ06L2Y STMICROELECTRONICS-STTH30RQ06L2Y Datasheet
464Kb / 12P
Automotive 600 V, 30 A ultrafast high voltage rectifier
17-Dec-2021
More results


Similar Description - STTH30RQ06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH1R06-Y STMICROELECTRONICS-STTH1R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3R06-Y STMICROELECTRONICS-STTH3R06-Y Datasheet
237Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH3L06-Y STMICROELECTRONICS-STTH3L06-Y Datasheet
238Kb / 9P
Automotive Turbo 2 ultrafast high voltage rectifier
04-Aug-2014
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
Automotive turbo 2 ultrafast high voltage rectifier
12-Dec-2014
STTH60RQ06-Y STMICROELECTRONICS-STTH60RQ06-Y Datasheet
216Kb / 10P
Automotive turbo 2 ultrafast high voltage rectifier
05-Apr-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com