Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC572L60E3 Datasheet (PDF) - STMicroelectronics

SPC572L60E3 Datasheet PDF - STMicroelectronics
Part # SPC572L60E3
Download  SPC572L60E3 Download
File Size   2790.32 Kbytes
Page   112 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture® based MCU for automotive powertrain applications

SPC572L60E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC572L60E3 Datasheet PDF - STMicroelectronics

Part # SPC572L60E3
Download  SPC572L60E3 Click to download

File Size   2790.32 Kbytes
Page   112 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-bit Power Architecture® based MCU for automotive powertrain applications

SPC572L60E3 Datasheet (HTML) - STMicroelectronics


SPC572L60E3 Product details

Features
■ AEC-Q100 qualified
■ One main 32-bit Power Architecture® VLE Compliant CPU core, single issue – Single-precision floating point operations
■ 1568 KB on-chip RWW flash memory – Supporting EEPROM emulation (32 KB)
■ 64 KB general-purpose data SRAM
■ System Memory Protection Unit (SMPU)
■ Multi-channel direct memory access controllers (eDMA) with 16-channel for up to 60 DMA sources
■ Interrupt controller (INTC)
■ Four 32-bit and one 64-bit Periodic Interrupt Timer channels (PIT)
■ Single phase-locked loops with stable clock domain for peripherals and core (PLL)
■ System integration unit lite (SIUL2)
■ Boot assist flash (BAF) supports factory programming through UART/LIN, CAN
■ Generic timer module (GTM101) – Intelligent complex timer module – 72 channels (16 input and 56 output)
■ Enhanced analog-to-digital converter system with: – Three 12-bit SAR analog converters – One 16-bit Sigma-Delta analog converters
■ Decimation unit to support SD ADC data conditioning
■ Two deserial serial peripheral interface (DSPI) modules
■ Two LIN and UART communication interfaces (LINFlexD) modules
■ One μs-bus channel (composed by one DSPI and one LINFlexD)
■ Four SENT channels
■ Two modular controller area network (M_CAN) modules
■ Fast Ethernet controller (FEC)
■ Fast Asynchronous Serial Transmission (LFAST)
■ Nexus development interface (NDI) per IEEE- ISTO 5001-2003 standard, with some support for 2010 standard
■ Device and board test support per Joint Test Action Group (JTAG) (IEEE 1149.1 and IEEE 1149.7)
■ Single 5 V +/-10% Power supply supporting cold start conditions (down to 3.0 V)
■ Self Test capability
■ Designed for eTQFP80 and eTQFP100 eTQFP100 14 mm × 14 mm × 1.0 mm 0.5 mm pitch eTQFP80 10 mm × 10 mm × 1.0 mm 0.4 mm pitch




Similar Part No. - SPC572L60E3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC572L-DISP STMICROELECTRONICS-SPC572L-DISP Datasheet
113Kb / 4P
SPC572L-DISP Discovery board
19-Nov-2018
SPC572LADPT100S STMICROELECTRONICS-SPC572LADPT100S Datasheet
243Kb / 4P
SPC572LADPT80S, SPC572LADPT100S microcontroller premium evaluation boards for SPC572Lx
01-Jul-2015
SPC572LADPT80S STMICROELECTRONICS-SPC572LADPT80S Datasheet
243Kb / 4P
SPC572LADPT80S, SPC572LADPT100S microcontroller premium evaluation boards for SPC572Lx
01-Jul-2015
More results


Similar Description - SPC572L60E3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com