Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6775LTT Datasheet (PDF) - Maxim Integrated Products

MAX6775LTT Datasheet PDF - Maxim Integrated Products
Part # MAX6775LTT
Download  MAX6775LTT Download
File Size   217.84 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages

MAX6775LTT Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6775LTT Datasheet PDF - Maxim Integrated Products

Part # MAX6775LTT
Download  MAX6775LTT Click to download

File Size   217.84 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages

MAX6775LTT Datasheet (HTML) - Maxim Integrated Products


MAX6775LTT Product details

General Description
The MAX6775–MAX6781 low-power, 1%-accurate battery monitors are available in the ultra-small µDFN package (1.0mm x 1.5mm) and SC70 packages. These low-power devices are ideal for monitoring single lithium-ion (Li+) cells, or multicell alkaline/NiCd/NiMH power sources. These devices offer single (MAX6775/ MAX6776/MAX6777/MAX6778) or dual (MAX6779/MAX6780/MAX6781) low-battery outputs and feature fixed or resistor-adjustable hysteresis. Hysteresis eliminates the output chatter sometimes associated with battery voltage monitors, usually due to input-voltage noise or battery terminal voltage recovery after load removal.

Features
♦ 1.0%-Accurate Threshold Specified Over Temperature
♦ Single/Dual, Low-Battery Output Options
♦ Low 3µA Battery Current
♦ Open-Drain or Push-Pull Low-Battery Outputs
♦ Fixed or Adjustable Hysteresis
♦ Low-Input Leakage Current Allows Use of Large Resistors
♦ Guaranteed Valid Low-Battery-Output Logic State Down to VBATT = 1V
♦ Immune to Short Battery Transients
♦ Fully Specified from -40°C to +85°C
♦ Small 5-Pin SC70 or Ultra-Small 6-Pin µDFN (1mm x 1.5mm) Package




Similar Part No. - MAX6775LTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6775LT_+T MAXIM-MAX6775LT_+T Datasheet
200Kb / 11P
Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
More results


Similar Description - MAX6775LTT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV.0
logo
Maxim Integrated Produc...
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com