Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25RU3993 Datasheet (PDF) - STMicroelectronics

ST25RU3993 Datasheet PDF - STMicroelectronics
Part # ST25RU3993_V01
Download  ST25RU3993 Download
File Size   1531.78 Kbytes
Page   90 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIN® RFID single chip reader EPC Class1 Gen2 compatible

ST25RU3993 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST25RU3993 Datasheet PDF - STMicroelectronics

Part # ST25RU3993_V01
Download  ST25RU3993 Click to download

File Size   1531.78 Kbytes
Page   90 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RAIN® RFID single chip reader EPC Class1 Gen2 compatible

ST25RU3993 Datasheet (HTML) - STMicroelectronics


ST25RU3993 Product details

Description
The ST25RU3993 RAIN® (UHF) RFID reader device provides multi-protocol support for the 840-960 MHz UHF band compatible with ISO18000-62 & -63, ISO29143 and to GS1’s EPC UHF Gen2 air interface protocol. It includes an on-chip VCO and a power amplifier, and offers a complete set of RFID features including dense reader mode (DRM) functionality and support for frequency-hopping, low-level transmission coding, low-level decode, data framing and CRC checking. The ST25RU3993 operates at very low-power, making it suitable for use in portable and batterypowered equipment such as mobile phones.

Features
■ Supply voltage range 3.0 to 3.6 V – Limited operation possible down to 2.7 V – Maximum PA supply voltage 4.3 V – Peripheral I/O supply range 1.65 to 5.5 V
■ Protocol support for: – ISO 18000-6C (EPC Class1 Gen2) – ISO 29143 (Air interface for mobile RFID) – ISO 18000-6A/B through direct mode
■ DRM: 250 kHz and 320 kHz filters for M4 and M8
■ Integrated supply regulators
■ Frequency hopping support
■ ASK or PR-ASK modulation
■ Automatic I/Q selection
■ Phase bit for tag tracking with 8-bit linear RSSI
■ Temperature range: -40 °C to 85 °C
■ 48-pin QFN (7x7x0.9 mm) package
■ Tag read rates of up to 700* tags/s (16-bit tag EPC length)




Similar Part No. - ST25RU3993_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25RU3993-EVAL STMICROELECTRONICS-ST25RU3993-EVAL Datasheet
865Kb / 12P
ST25RU3993 RAIN® (UHF) RFID reader IC evaluation board
Oct-2019
ST25RU3993-HPEV STMICROELECTRONICS-ST25RU3993-HPEV Datasheet
489Kb / 9P
High-power RFID reader system
11-Nov-2020
More results


Similar Description - ST25RU3993_V01

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR5000 WJCI-MPR5000_06 Datasheet
151Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
WJM1000 WJCI-WJM1000 Datasheet
754Kb / 8P
Based on WJC200 Gen2 RFID reader chipset
logo
ams AG
AS3990 AMSCO-AS3990 Datasheet
89Kb / 2P
UHF RFID single chip reader EPC Class1 Gen2 compatible
logo
Texas Instruments
RI-UHF-IC116-00 TI-RI-UHF-IC116-00 Datasheet
567Kb / 9P
SMT EPC Gen2 IC
logo
ams AG
AS3992-BQFP AMSCO-AS3992-BQFP Datasheet
123Kb / 3P
UHF RFID Single Chip Reader EPC Class1 Gen2 Compatible
logo
Abracon Corporation
ARRAN5-868.000MHZ ABRACON-ARRAN5-868.000MHZ Datasheet
2Mb / 2P
RFID Reader (Passive)
11.17.14
ARRCN5-915.000MHZ ABRACON-ARRCN5-915.000MHZ Datasheet
1Mb / 2P
RFID Reader (Passive)
11.17.14
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com