Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3990 Datasheet (PDF) - ams AG

AS3990 Datasheet PDF - ams AG
Part # AS3990
Download  AS3990 Download
File Size   89.89 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description UHF RFID single chip reader EPC Class1 Gen2 compatible

AS3990 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3990 Datasheet PDF - ams AG

Part # AS3990
Download  AS3990 Click to download

File Size   89.89 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description UHF RFID single chip reader EPC Class1 Gen2 compatible

AS3990 Datasheet (HTML) - ams AG


AS3990 Product details

General Description

The AS3990 UHF reader chip is an integrated analogue front end and data framing system for a 900MHz RFID reader system. Built in programming options make it suitable for a wide range of

applications in UHF RFID systems. Designed to simplify the design and implementation of an EPC

Class 1Gen2 reader, this IC requires only a standard 8Bit microcontroller with minimal other components.



Key Features

•  Fully compliant with ISO 18000 6a, 6b, 6c and EPC Class 1- Gen2 protocol using external MCU

•  EPC Class 1 -Gen2 framing support using low cost 8 Bit microcontroller

•  Direct data mode in the frequency range of 860 to 960 MHz enables propriety Protocol support

•  Internal power amplifier with level controlled 20dBm for short range applications

•  Modulator using ASK or PR-ASK modulation

•  Adjustable ASK modulation index

•  Automatic selection between I and Q Signal ensuring no “communication holes”

•  Built-in reception low-pass and high-pass filters having selectable corner frequencies.

•  On chip VCO and PLL covering complete RFID frequency range and frequency hopping support

•  Selectable receiver gain with AGC

•  Supported link frequencies from 40 up to 640kHz




Similar Part No. - AS3990

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3992-BQFP AMSCO-AS3992-BQFP Datasheet
123Kb / 3P
UHF RFID Single Chip Reader EPC Class1 Gen2 Compatible
AS3993 AMSCO-AS3993 Datasheet
1Mb / 2P
The AS3993 UHF reader chip is the next generation integrated analog front end and protocol handling system for a 900MHz RFID reader system from austriamicrosystems
More results


Similar Description - AS3990

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR5000 WJCI-MPR5000_06 Datasheet
151Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
WJM1000 WJCI-WJM1000 Datasheet
754Kb / 8P
Based on WJC200 Gen2 RFID reader chipset
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
UHF RFID reader module
logo
Texas Instruments
RI-UHF-IC116-00 TI-RI-UHF-IC116-00 Datasheet
567Kb / 9P
SMT EPC Gen2 IC
logo
ams AG
AS3992-BQFP AMSCO-AS3992-BQFP Datasheet
123Kb / 3P
UHF RFID Single Chip Reader EPC Class1 Gen2 Compatible
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
logo
STMicroelectronics
ST25RU3993-EVAL STMICROELECTRONICS-ST25RU3993-EVAL Datasheet
865Kb / 12P
ST25RU3993 RAIN® (UHF) RFID reader IC evaluation board
Oct-2019
ST25RU3993 STMICROELECTRONICS-ST25RU3993_V01 Datasheet
1Mb / 90P
RAIN® RFID single chip reader EPC Class1 Gen2 compatible
27-Apr-2021
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com