Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3990 Datasheet(PDF) 1 Page - ams AG

Part # AS3990
Description  UHF RFID single chip reader EPC Class1 Gen2 compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3990 Datasheet(HTML) 1 Page - ams AG

  AS3990 Datasheet HTML 1Page - ams AG AS3990 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet AS3977
Revision 1.2, 20.09.2007
Page 1 of 2
General Description
The AS3990 UHF reader chip is an integrated
analogue front end and data framing system for a
900MHz RFID reader system. Built in programming
options make it suitable for a wide range of
applications in UHF RFID systems. Designed to
simplify the design and implementation of an EPC
Class 1Gen2 reader, this IC requires only a standard
8Bit microcontroller with minimal other components.
The AS3990 comprises the EPC Class 1- Gen2
protocol (ISO 18000-6c) with digital high speed logic
up to the framing level and supports the ISO 18000-
6a and ISO 18000-6b Protocol with direct data mode.
The Interface to the microcontroller can be either a 4
pin serial date Interface (SDI) or alternatively in case
of high data rates are necessary an eight Bit parallel.
The frame management will be done using a 12 Byte
FIFO in order to decrease processor workload and
ensure a smooth data stream and correct protocol
handling. All low level transmission codec’s and CRC
generation is done internally.
An on chip level shifter with a special supply pin can
be used to adapt microcontroller supply voltages in
the range of 1.8- 3.3V for optimized power usage. In
order to reduce the BOM, an integrated LDO with
driver strength of 20mA can be used to supply the
microcontroller. Additional regulators for the RF
section suppress disturbances and thus allow noisy
main supply.
A 20MHz crystal is used for the reference oscillator.
Using this reference, an additional programmable
glitch free clock output can be used to clock the
microcontroller thus saving costs and current. In
addition, by using the integrated power management
features modes power-down, standby and active it is
possible to shut down or reduce the microcontroller
clock and hence save additional power.
Applications
•
Barcode label printers
•
Add-on module for handheld computers, PDA
•
Point of sales
•
Currency reader
•
UHF RFID reader systems
•
Hand-held UHF RFID readers
•
Toll systems
•
mobile phones
Key Features
•
Fully compliant with ISO 18000 6a, 6b, 6c and
EPC Class 1- Gen2 protocol using external MCU
•
EPC Class 1 -Gen2 framing support using low
cost 8 Bit microcontroller
•
Direct data mode in the frequency range of 860 to
960 MHz enables propriety Protocol support
•
Internal power amplifier with level controlled
20dBm for short range applications
•
Modulator using ASK or PR-ASK modulation
•
Adjustable ASK modulation index
•
Automatic selection between I and Q Signal
ensuring no “communication holes”
•
Built-in reception low-pass and high-pass filters
having selectable corner frequencies.
•
On chip VCO and PLL covering complete RFID
frequency range and frequency hopping support
•
Selectable receiver gain with AGC
•
Supported link frequencies from 40 up to 640kHz
Package
•
64 pin QFN 9*9
UHF RFID single chip reader EPC Class1 Gen2 compatible
AS3990
Preliminary Information
PRELIMINARY INFORMATION: SUBJECT TO CHANGE WITHOUT ANY NOTICE


Similar Part No. - AS3990

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3992-BQFP AMSCO-AS3992-BQFP Datasheet
123Kb / 3P
UHF RFID Single Chip Reader EPC Class1 Gen2 Compatible
AS3993 AMSCO-AS3993 Datasheet
1Mb / 2P
The AS3993 UHF reader chip is the next generation integrated analog front end and protocol handling system for a 900MHz RFID reader system from austriamicrosystems
More results

Similar Description - AS3990

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MPR5000 WJCI-MPR5000_06 Datasheet
151Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2 with Integral Antenna
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
WJM1000 WJCI-WJM1000 Datasheet
754Kb / 8P
Based on WJC200 Gen2 RFID reader chipset
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
UHF RFID reader module
logo
Texas Instruments
RI-UHF-IC116-00 TI-RI-UHF-IC116-00 Datasheet
567Kb / 9P
SMT EPC Gen2 IC
logo
ams AG
AS3992-BQFP AMSCO-AS3992-BQFP Datasheet
123Kb / 3P
UHF RFID Single Chip Reader EPC Class1 Gen2 Compatible
logo
Abracon Corporation
ARRRN5-915.000MHZ ABRACON-ARRRN5-915.000MHZ Datasheet
3Mb / 2P
RFID Reader (Passive)
11.17.14
ARRTN5-915.000MHZ ABRACON-ARRTN5-915.000MHZ Datasheet
4Mb / 2P
RFID Reader (Passive)
11.24.14
logo
STMicroelectronics
ST25RU3993-EVAL STMICROELECTRONICS-ST25RU3993-EVAL Datasheet
865Kb / 12P
ST25RU3993 RAIN® (UHF) RFID reader IC evaluation board
Oct-2019
ST25RU3993 STMICROELECTRONICS-ST25RU3993_V01 Datasheet
1Mb / 90P
RAIN® RFID single chip reader EPC Class1 Gen2 compatible
27-Apr-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com