Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA08V Datasheet (PDF) - Cirrus Logic

PA08V Datasheet PDF - Cirrus Logic
Part # PA08V
Download  PA08V Download
File Size   131.27 Kbytes
Page   1 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIER

PA08V Datasheet (PDF)

Go To PDF Page Download Datasheet
PA08V Datasheet PDF - Cirrus Logic

Part # PA08V
Download  PA08V Click to download

File Size   131.27 Kbytes
Page   1 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIER

PA08V Datasheet (HTML) - Cirrus Logic


PA08V Product details

DESCRIPTION
The PA08V is an extended supply range operational amplifer capable of output voltage swings of ±170V with dual supplies or 340V total supply voltage on single or non-symmetric supplies.
   
FEATURES
• EXTENDED SUPPLY RANGE   UP TO ±175V or   350V TOTAL
• PROVIDES PA08 PERFORMANCE   UP TO ±150mA     PROGRAMMABLE CURRENT LIMIT     LOW DRIFT FET INPUT
   
APPLICATIONS
• PROGRAMMABLE POWER SUPPLIES UP TO 340V
• ELECTROSTATIC TRANSDUCERS & DEFLECTION
• PIEZO ELECTRIC TRANSDUCERS
• HIGH VOLTAGE INSTRUMENTATION
   




Similar Part No. - PA08V

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA08V CIRRUS-PA08V Datasheet
173Kb / 2P
Power Operational Amplifiers
More results


Similar Description - PA08V

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com