Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFSS1D3N06CL Datasheet (PDF) - ON Semiconductor

NTMFSS1D3N06CL Datasheet PDF - ON Semiconductor
Part # NTMFSS1D3N06CL
Download  NTMFSS1D3N06CL Download
File Size   351.83 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, Source-Down TDFN9 60 V, 1.3 m, 243 A

NTMFSS1D3N06CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFSS1D3N06CL Datasheet PDF - ON Semiconductor

Part # NTMFSS1D3N06CL
Download  NTMFSS1D3N06CL Click to download

File Size   351.83 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, Source-Down TDFN9 60 V, 1.3 m, 243 A

NTMFSS1D3N06CL Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTMFSS1D3N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFSS1D5N06CL ONSEMI-NTMFSS1D5N06CL Datasheet
258Kb / 6P
MOSFET - Power, Single N-Channel, Source-Down TDFN9 60 V, 1.5 m, 235 A
September, 2021-Rev. 1
More results


Similar Description - NTMFSS1D3N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS1D8N02P1E ONSEMI-NTTFS1D8N02P1E Datasheet
183Kb / 7P
MOSFET - Power, Single N-Channel, Power33 25 V, 1.3 m, 150 A
May, 2020 ??Rev. 1
NTMFSS0D9N03P8 ONSEMI-NTMFSS0D9N03P8 Datasheet
333Kb / 7P
MOSFET - Power, Single N-Channel, Source-Down TDFN9 30 V, 1.0 m, 294 A
July, 2021-Rev. 1
NTMFSS1D5N06CL ONSEMI-NTMFSS1D5N06CL Datasheet
258Kb / 6P
MOSFET - Power, Single N-Channel, Source-Down TDFN9 60 V, 1.5 m, 235 A
September, 2021-Rev. 1
NTMJS1D4N06CL ONSEMI-NTMJS1D4N06CL Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
November, 2019-Rev. 0
NTTFSS1D1N02P1E ONSEMI-NTTFSS1D1N02P1E Datasheet
294Kb / 7P
MOSFET - Power, Single N-Channel, Source Down, WDFN9 25 V, 0.85 m, 264 A
September, 2021-Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS5H600NL ONSEMI-NVMFS5H600NL Datasheet
196Kb / 8P
MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
September, 2021-Rev. 3
NVMJS1D3N04C ONSEMI-NVMJS1D3N04C Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.3 m, 235 A
July, 2019 ??Rev. 1
NVMJS1D4N06CL ONSEMI-NVMJS1D4N06CL Datasheet
376Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
October, 2019 ??Rev. 0
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com