Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1538 Datasheet (PDF) - Maxim Integrated Products

MAX1538 Datasheet PDF - Maxim Integrated Products
Part # MAX1538
Download  MAX1538 Download
File Size   495.82 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Power-Source Selector for Dual-Battery Systems

MAX1538 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1538 Datasheet PDF - Maxim Integrated Products

Part # MAX1538
Download  MAX1538 Click to download

File Size   495.82 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Power-Source Selector for Dual-Battery Systems

MAX1538 Datasheet (HTML) - Maxim Integrated Products


MAX1538 Product details

General Description
The MAX1538 selector provides power-source control for dual-battery systems. The device selects between an AC adapter and dual batteries based on the presence of the three power sources and the state of charge of each battery.

Features
♦ Automatically Detects and Responds to
   Low-Battery Voltage Condition
   Battery Insertion and Removal
   AC-Adapter Presence
   Airline-Adapter Presence
♦ Step-Down and Step-Up Charger Compatibility
♦ Fast Break-Before-Make Selection
   Allows Hot Swapping of Power Sources
   No External Schottky Diodes Needed
♦ 50µA Maximum Battery Quiescent Current
♦ Implements Battery Capacity Relearning
♦ Allows Usage of Aircraft Supply
♦ Direct Drive of P-Channel MOSFETs
♦ Simplifies Power-Management µP Firmware
♦ 4.75V to 28V AC-Adapter Input Voltage Range
♦ Small 28-Pin Thin QFN Package (5mm x 5mm)




Similar Part No. - MAX1538

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530 Datasheet
607Kb / 33P
Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
MAX1530 MAXIM-MAX1530 Datasheet
307Kb / 13P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 11/04
MAX15301 MAXIM-MAX15301 Datasheet
1Mb / 30P
InTune Automatically Compensated Digital PoL Controller with Driver and PMBus Telemetry
19-6267; Rev 4; 11/13
More results


Similar Description - MAX1538

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
PowerPath Controller for Dual Battery Systems
logo
Maxim Integrated Produc...
MAX1773 MAXIM-MAX1773 Datasheet
397Kb / 20P
Power Source Selector for Dual-Battery Systems
19-1796; Rev 1; 1/03
logo
Intersil Corporation
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
June 17, 2005
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Linear Technology
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
PowerPath Controller for Dual Battery Systems
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com