Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6256 Datasheet (PDF) - Intersil Corporation

ISL6256 Datasheet PDF - Intersil Corporation
Part # ISL6256
Download  ISL6256 Download
File Size   838.98 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers

ISL6256 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6256 Datasheet PDF - Intersil Corporation

Part # ISL6256
Download  ISL6256 Click to download

File Size   838.98 Kbytes
Page   26 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers

ISL6256 Datasheet (HTML) - Intersil Corporation


ISL6256 Product details

Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers

The ISL6256, ISL6256A is a highlyintegrated battery charger controller for Li-Ion/Li-Ion polymer batteries. High Efficiency is achieved by a synchronous buck topology and the use of a MOSFET, instead of a diode, for selecting power from the adapter or battery. The low side MOSFET emulates a diode at light loads to improve the light load efficiency and prevent system bus boosting.



Features

• ±0.5% Charge Voltage Accuracy (-10°C to +100°C)

• ±3% Accurate Input Current Limit

• ±3% Accurate Battery Charge Current Limit

• ±25% Accurate Battery Trickle Charge Current Limit

• Programmable Charge Current Limit, Adapter Current

Limit and Charge Voltage

• Fixed 300kHz PWM Synchronous Buck Controller with

Diode Emulation at Light Load

• Overvoltage Protection

• Output for Current Drawn from AC Adapter

• AC Adapter Present Indicator

• Fast Input Current Limit Response

• Input Voltage Range 7V to 25V

• Support 2-, 3- and 4-Cells Battery Pack

• Up to 17.64V Battery-Voltage Set Point

• Control Adapter Power Source Select MOSFET

• Thermal Shutdown

• Aircraft Power Capable

• DC Adapter Present Indicator

• Battery Discharge MOSFET Control

• Less than 10µA Battery Leakage Current

• Supports Pulse Charging

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Notebook, Desknote and Sub-notebook Computers

• Personal Digital Assistant




Similar Part No. - ISL6256

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6256A INTERSIL-ISL6256A Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6256AHAZ INTERSIL-ISL6256AHAZ Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256AHAZ RENESAS-ISL6256AHAZ Datasheet
1Mb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Similar Description - ISL6256

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
June 17, 2005
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
ISL6255 RENESAS-ISL6255 Datasheet
1Mb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com