Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6253 Datasheet (PDF) - Renesas Technology Corp

ISL6253 Datasheet PDF - Renesas Technology Corp
Part # ISL6253
Download  ISL6253 Download
File Size   1021.96 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Highly Integrated Battery Charger for Notebook Computers

ISL6253 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6253 Datasheet PDF - Renesas Technology Corp

Part # ISL6253
Download  ISL6253 Click to download

File Size   1021.96 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Highly Integrated Battery Charger for Notebook Computers

ISL6253 Datasheet (HTML) - Renesas Technology Corp


ISL6253 Product details

Highly Integrated Battery Charger for Notebook Computers

The ISL6253 is a highly integrated battery charger controller for Li-Ion/Li-Polymer batteries. High Efficiency is achieved by a synchronous buck topology and the use of a MOSFET, instead of a diode, for selecting power from the adapter or battery. The low side MOSFET emulates a diode at light loads to improve the light load efficiency and prevent system bus boosting.

Features
• ±0.5% Voltage Accuracy
• ±3% Input Current Limit Accuracy
• ±4% Accurate Battery Charge Current Limit
• Programmable Charge Limit Current, Adaptor Current Limit and Charge Voltage
• Fixed 300kHz PWM Synchronous Buck Controller with Diode Emulation at Light Load
• Output for Current Drawn from the AC Adapter
• AC Adapter Present Indicator
• Fast Input Current Limit Response
• Input Voltage Range 7V to 25V
• Up to 17.6V Battery-Voltage Set Point
• Trickle Charge Mode When Battery Voltage is below 3.0V/Cell
• Supports 2, 3 and 4 Cell Battery Packs
• Control Adapter Power Source Select MOSFET
• Thermal Shutdown
• Aircraft Power Capable
• DC Adapter Present Indicator
• Battery Discharge MOSFET Control
• Less than 10µA Battery Leakage Current
• QFN Package
    - Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Package Outline
    - Near Chip Scale Package footprint, which improves PCB efficiency and has a thinner profile
• Pb-free Available

Applications
• Notebook, Desknote and Sub-notebook Computers
• Personal Digital Assistants




Similar Part No. - ISL6253

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
ISL6253HAZ INTERSIL-ISL6253HAZ Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
ISL6253HRZ INTERSIL-ISL6253HRZ Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
More results


Similar Description - ISL6253

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
January 17, 2007
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com