Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6252 Datasheet (PDF) - Renesas Technology Corp

ISL6252 Datasheet PDF - Renesas Technology Corp
Part # ISL6252
Download  ISL6252 Download
File Size   1237.96 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Highly Integrated Battery Charger Controller for Notebook Computers

ISL6252 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6252 Datasheet PDF - Renesas Technology Corp

Part # ISL6252
Download  ISL6252 Click to download

File Size   1237.96 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Highly Integrated Battery Charger Controller for Notebook Computers

ISL6252 Datasheet (HTML) - Renesas Technology Corp


ISL6252 Product details

Highly Integrated Battery Charger Controller for Notebook Computers

The ISL6252, ISL6252A is a highly integrated battery charger controller for Li-ion/Li-ion polymer batteries. High Efficiency is achieved by a synchronous buck topology. The low side MOSFET emulates a diode at light loads to improve the light load efficiency and prevent system bus boosting.

Features
• ±0.5% Charge Voltage Accuracy (-10°C to +100°C)
• ±3% Accurate Input Current Limit
• ±3% Accurate Battery Charge Current Limit
• ±25% Accurate Battery Trickle Charge Current Limit
• Programmable Charge Current Limit, Adapter Current Limit and Charge Voltage
• Fixed 300kHz PWM Synchronous Buck Controller with Diode Emulation at Light Load
• Overvoltage Protection
• Output for Current Drawn from AC Adapter
• AC Adapter Present Indicator
• Fast Input Current Limit Response
• Input Voltage Range 7V to 25V
• Support 2-, 3- and 4-Cells Battery Pack
• Up to 17.64V Battery-Voltage Set Point
• Thermal Shutdown
• Less than 10µA Battery Leakage Current
• Supports Pulse Charging
• Pb-free (RoHS Compliant)

Applications
• Notebook, Desknote and Sub-notebook Computers
• Personal Digital Assistant




Similar Part No. - ISL6252

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6252AHAZ INTERSIL-ISL6252AHAZ Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6252AHRZ INTERSIL-ISL6252AHRZ Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6252HAZ INTERSIL-ISL6252HAZ Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6252HRZ INTERSIL-ISL6252HRZ Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
More results


Similar Description - ISL6252

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
January 17, 2007
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com