Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6257 Datasheet (PDF) - Intersil Corporation

ISL6257 Datasheet PDF - Intersil Corporation
Part # ISL6257
Download  ISL6257 Download
File Size   501.74 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Highly Integrated Narrow VDC Battery Charger for Notebook Computers

ISL6257 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6257 Datasheet PDF - Intersil Corporation

Part # ISL6257
Download  ISL6257 Click to download

File Size   501.74 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Highly Integrated Narrow VDC Battery Charger for Notebook Computers

ISL6257 Datasheet (HTML) - Intersil Corporation


ISL6257 Product details

Highly Integrated Narrow VDC Battery Charger for Notebook Computers



The ISL6257 is a highly integrated battery charger controller for Li-Ion/Li-Ion polymer batteries. ISL6257 is designed for Narrow VDC applications where the system power source is either the battery pack or the regulated output of the charger. This makes the max voltage to the system equal to the max battery voltage instead of the max adapter voltage. Operating at lower system voltage can improve overall efficiency. High efficiency is achieved in the charger with a synchronous buck topology. The low-side MOSFET emulates a diode at light loads to improve the light loadefficiency and prevent system bus boosting.



Features

• ±0.5% Charge Voltage Accuracy (-10°C to +100°C)

• ±3% Accurate Input Current Limit

• ±3% Accurate Battery Charge Current Limit

• ±25% Accurate Battery Trickle Charge Current Limit

• Programmable Charge Current Limit, Adapter Current Limit and Charge Voltage

• Fixed 300kHz PWM Synchronous Buck Controller with Diode Emulation at Light Load

• AC Adapter Present Indicator

• Fast Input Current Limit Response

• Input Voltage Range 7V to 25V

• Support 2, 3 and 4 Cells Battery Pack

• Up to 17.64V Battery-Voltage Set Point

• Control Adapter Power Source Select MOSFET

• Thermal Shutdown

• Aircraft Power Capable

• DC Adapter Present Indicator

• Battery Discharge MOSFET Control

• Less than 10µA Battery Leakage Current

• Support Pulse Charging

• Charge any Battery Chemistry: Li-Ion, NiCd, NiMH, etc.

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Notebook, Desknote and Sub-notebook Computers

• Personal Digital Assistant




Similar Part No. - ISL6257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
ISL6257HRZ RENESAS-ISL6257HRZ Datasheet
1,008Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
ISL6257HRZ-T RENESAS-ISL6257HRZ-T Datasheet
1,008Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
More results


Similar Description - ISL6257

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6253 INTERSIL-ISL6253 Datasheet
549Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
August 2004
ISL6255 INTERSIL-ISL6255_06 Datasheet
659Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
August 25, 2010
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
Highly Integrated Battery Charger Controller for Notebook Computers
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
Highly Integrated Battery Charger for Notebook Computers
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
Highly Integrated Narrow VDC Battery Charger for Notebook Computers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com