Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3311 Datasheet (PDF) - Analog Devices

LTC3311 Datasheet PDF - Analog Devices
Part # LTC3311
Download  LTC3311 Download
File Size   2617.66 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator

LTC3311 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3311 Datasheet PDF - Analog Devices

Part # LTC3311
Download  LTC3311 Click to download

File Size   2617.66 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator

LTC3311 Datasheet (HTML) - Analog Devices




Similar Part No. - LTC3311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC3311 AD-LTC3311 Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
LTC3311 AD-LTC3311 Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LTC3311 AD-LTC3311 Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
LTC3311 AD-LTC3311 Datasheet
2Mb / 26P
5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
Rev. 0
LTC3311HV AD-LTC3311HV Datasheet
2Mb / 26P
5V, 12.5A Synchronous Step-Down Silent Switcher in 3mm x 3mm LQFN
More results


Similar Description - LTC3311

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Intersil Corporation
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
logo
Linear Technology
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
logo
Semtech Corporation
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
logo
Linear Technology
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
Dual High-Current Step-Down DC-DC and Dual Linear Regulator
logo
Intersil Corporation
ISL8203M INTERSIL-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Renesas Technology Corp
EL7566 RENESAS-EL7566 Datasheet
751Kb / 14P
Monolithic 6A DC/DC Step-Down Regulator
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Analog Devices
LTC3314A AD-LTC3314A Datasheet
2Mb / 26P
5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com