Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC197 Datasheet (PDF) - Semtech Corporation

SC197 Datasheet PDF - Semtech Corporation
Part # SC197
Download  SC197 Download
File Size   1057.85 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator

SC197 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC197 Datasheet PDF - Semtech Corporation

Part # SC197
Download  SC197 Click to download

File Size   1057.85 Kbytes
Page   20 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator

SC197 Datasheet (HTML) - Semtech Corporation


SC197 Product details

Description

The SC197 contains two identical high efficiency 500mA step-down regulators designed for use in battery powered applications. Each regulator includes 15 programmable output voltage settings that can be selected using the four control pins, eliminating the need for external feedback resistors. The output voltage can be fixed to a single setting or dynamically switched between

different levels. Pulling all four control pins low disables the output.



Features

Input Voltage — 2.9V to 5.5V

Output Voltage — 0.8V to 3.3V

Output current capability — 500mA per regulator

Efficiency up to 94%

Programmable output voltages — 15

High light-load efficiency via automatic PSAVE mode

Fast transient response

Oscillator frequency — 3.5MHz

100% duty cycle capability

Quiescent current — 38µA typical per regulator

Shutdown current — 0.1µA typical per regulator

Internal soft-start

Over-voltage protection

Current limit and short circuit protection

Over-temperature protection

Under-voltage lockout

Floating control pin protection

MLPQ-UT18 2.0 x 3.0 x 0.6 (mm) package

Lead-free, halogen-free, and RoHS/WEEE compliant



Aplications

Smart phones and cellular phones

MP3/Personal media players

Personal navigation devices

Digital cameras

Single Li-ion cell or 3 NiMH/NiCd cell devices

Devices with 3.3V or 5V internal power rails




Similar Part No. - SC197

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
SC1972 MITSUBISHI-SC1972 Datasheet
130Kb / 3P
NPN EPITAXIAL PLANAR TYPE(for RF power amplifiers on VHF band Mobile radio applications)
More results


Similar Description - SC197

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Semtech Corporation
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195 SEMTECH-SC195_10 Datasheet
497Kb / 20P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Semtech Corporation
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
3.5MHz, 500mA Step-down Regulator
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195F SEMTECH-SC195F Datasheet
581Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Unisonic Technologies
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com