Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIJA72ADP Datasheet (PDF) - Vishay Siliconix

SIJA72ADP Datasheet PDF - Vishay Siliconix
Part # SIJA72ADP
Download  SIJA72ADP Download
File Size   241.77 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 40 V (D-S) MOSFET

SIJA72ADP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIJA72ADP Datasheet PDF - Vishay Siliconix

Part # SIJA72ADP
Download  SIJA72ADP Click to download

File Size   241.77 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 40 V (D-S) MOSFET

SIJA72ADP Datasheet (HTML) - Vishay Siliconix


SIJA72ADP Product details

• TrenchFET® Gen IV power MOSFET
• Tuned for the lowest RDS-Qoss FOM
• 100 % Rg and UIS tested
• Qgd/Qgs ratio < 1 optimizes switching
characteristics




Similar Part No. - SIJA72ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIJA74DP VISHAY-SIJA74DP Datasheet
242Kb / 10P
N-Channel 40 V (D-S) 150 °C MOSFET
23-Mar-2020
SIJA74DP-T1-GE3 VISHAY-SIJA74DP-T1-GE3 Datasheet
242Kb / 10P
N-Channel 40 V (D-S) 150 °C MOSFET
23-Mar-2020
More results


Similar Description - SIJA72ADP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
N-Channel 40-V (D-S) MOSFET
18-Aug-03
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
N-Channel 40-V (D-S) MOSFET
01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
N-Channel 40-V (D-S) MOSFET
02-Mar-09
SI4840BDY VISHAY-SI4840BDY Datasheet
240Kb / 10P
N-Channel 40-V (D-S) MOSFET
06-Apr-09
logo
Analog Power
AM3940NE ANALOGPOWER-AM3940NE Datasheet
183Kb / 3P
N-Channel 40-V (D-S) MOSFET
AM70N04-06D ANALOGPOWER-AM70N04-06D Datasheet
352Kb / 5P
N-Channel 40-V (D-S) MOSFET
AM90N04-03P ANALOGPOWER-AM90N04-03P Datasheet
335Kb / 5P
N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7884BDP-T1-E3 VISHAY-SI7884BDP-T1-E3 Datasheet
164Kb / 9P
N-Channel 40-V (D-S) MOSFET
08-Sep-08
SI2318CDS-T1-GE3 VISHAY-SI2318CDS-T1-GE3 Datasheet
239Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com