Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIJA74DP Datasheet (PDF) - Vishay Siliconix

SIJA74DP Datasheet PDF - Vishay Siliconix
Part # SIJA74DP
Download  SIJA74DP Download
File Size   242.49 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 40 V (D-S) 150 °C MOSFET

SIJA74DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIJA74DP Datasheet PDF - Vishay Siliconix

Part # SIJA74DP
Download  SIJA74DP Click to download

File Size   242.49 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 40 V (D-S) 150 °C MOSFET

SIJA74DP Datasheet (HTML) - Vishay Siliconix


SIJA74DP Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• Tuned for the lowest RDS-Qoss FOM
• 100 % Rg and UIS tested
• Qgd/Qgs ratio < 1 optimizes switching characteristics
• Optimized for wave soldering
• Flexible leads increase resilience to board flexing
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Synchronous rectification
• High power density DC/DC
• DC/AC inverters
• Switch mode power supplies




Similar Part No. - SIJA74DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIJA72ADP VISHAY-SIJA72ADP Datasheet
241Kb / 10P
N-Channel 40 V (D-S) MOSFET
25-Jun-2018
SIJA72ADP-T1-GE3 VISHAY-SIJA72ADP-T1-GE3 Datasheet
241Kb / 10P
N-Channel 40 V (D-S) MOSFET
25-Jun-2018
More results


Similar Description - SIJA74DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP28N15-52 VISHAY-SUP28N15-52 Datasheet
49Kb / 4P
N-Channel 150-V (D-S) 175 C MOSFET
12-Aug-02
SUM23N15-73 VISHAY-SUM23N15-73 Datasheet
48Kb / 5P
N-Channel 150-V (D-S) 175 C MOSFET
24-Mar-03
SUM85N15-19 VISHAY-SUM85N15-19 Datasheet
63Kb / 5P
N-Channel 150-V (D-S) 175C MOSFET
08-Dec-03
SUM40N15-38 VISHAY-SUM40N15-38 Datasheet
40Kb / 5P
N-Channel 150-V (D-S) 175 C MOSFET
24-Mar-03
SUD50N06-36 VISHAY-SUD50N06-36 Datasheet
145Kb / 7P
N-Channel 60-V (D-S), 150 °C MOSFET
03-Dec-07
SUD80460E VISHAY-SUD80460E Datasheet
157Kb / 7P
N-Channel 150 V (D-S) 175 °C MOSFET
17-Oct-16
SUM85N15-19 VISHAY-SUM85N15-19_V01 Datasheet
75Kb / 6P
N-Channel 150-V (D-S) 175C MOSFET
08-Dec-03
SIJA58DP VISHAY-SIJA58DP Datasheet
238Kb / 10P
N-Channel 40 V (D-S) 150 째C MOSFET
29-Jun-2020
SIDR578EP VISHAY-SIDR578EP Datasheet
183Kb / 7P
N-Channel 150 V (D-S) 175 °C MOSFET
13-Dec-2021
logo
VBsemi Electronics Co.,...
VBM1152N VBSEMI-VBM1152N Datasheet
375Kb / 6P
N-Channel 150-V (D-S) 175 °C MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com