Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3416JR Datasheet (PDF) - Analog Devices

ADP3416JR Datasheet PDF - Analog Devices
Part # ADP3416JR
Download  ADP3416JR Download
File Size   140.25 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Bootstrapped MOSFET Driver

ADP3416JR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3416JR Datasheet PDF - Analog Devices

Part # ADP3416JR
Download  ADP3416JR Click to download

File Size   140.25 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Bootstrapped MOSFET Driver

ADP3416JR Datasheet (HTML) - Analog Devices


ADP3416JR Product details

GENERAL DESCRIPTION
The ADP3416 is a dual MOSFET driver optimized for driving two N-channel MOSFETs which are the two switches in a nonisolated synchronous buck power converter. One of the drivers can be bootstrapped and is designed to handle the high voltage slew rate associated with “floating” high side gate drivers. The ADP3416 includes overlapping drive protection (ODP) to prevent shoot-through current in the external MOSFETs.
The ADP3416 is specified over the commercial temperature range of 0°C to 70°C and is available in an 8-lead SOIC package.

FEATURES
   All-In-One Synchronous Buck Driver
   Bootstrapped High Side Drive
   One PWM Signal Generates Both Drives
   Anticross-Conduction Protection Circuitry
   Pulse-by-Pulse Disable Control

APPLICATIONS
   Mobile Computing CPU Core Power Converters
   Multiphase Desktop CPU Supplies
   Single-Supply Synchronous Buck Converters
   Standard-to-Synchronous Converter Adaptations




Similar Part No. - ADP3416JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3410KRU AD-ADP3410KRU Datasheet
148Kb / 11P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3412JR AD-ADP3412JR Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
More results


Similar Description - ADP3416JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
logo
Vishay Siliconix
SI9913 VISHAY-SI9913 Datasheet
52Kb / 6P
Dual MOSFET Bootstrapped Driver with Break-Before-Make
21-Dec-00
logo
Analog Devices
ADP3417 AD-ADP3417 Datasheet
1Mb / 8P
Dual Bootstrapped MOSFET Driver
08/02-Data Sheet changed from REV. 0 to REV. A.
logo
Fairchild Semiconductor
FAN5009 FAIRCHILD-FAN5009 Datasheet
167Kb / 13P
Dual Bootstrapped 12V MOSFET Driver
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
Dual Bootstrapped 12V MOSFET Driver
FAN5109B FAIRCHILD-FAN5109B Datasheet
696Kb / 14P
Dual Bootstrapped 12V MOSFET Driver
logo
ON Semiconductor
ADP3414 ONSEMI-ADP3414 Datasheet
383Kb / 9P
Dual Bootstrapped MOSFET Driver
May 2010 - Rev. 3
ADP3120A ONSEMI-ADP3120A_12 Datasheet
126Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com