Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3410 Datasheet (PDF) - Analog Devices

ADP3410 Datasheet PDF - Analog Devices
Part # ADP3410
Download  ADP3410 Download
File Size   148.89 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual MOSFET Driver with Bootstrapping

ADP3410 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3410 Datasheet PDF - Analog Devices

Part # ADP3410
Download  ADP3410 Click to download

File Size   148.89 Kbytes
Page   11 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual MOSFET Driver with Bootstrapping

ADP3410 Datasheet (HTML) - Analog Devices


ADP3410 Product details

GENERAL DESCRIPTION

The ADP3410 is a dual MOSFET driver optimized for driving two N-channel FETs that are the two switches in the nonisolated synchronous buck power converter topology. Each of the drivers is capable of driving a 3000 pF load with a 20 ns propagation delay and a 30 ns transition time. One of the drivers can be bootstrapped, and is designed to handle the high-voltage slew rate associated with “floating” high-side gate drivers. The ADP3410 has several protection features: overlapping drive prevention (ODP), undervoltage lockout (UVLO) with performance specified at very low VCC levels, and overvoltage protection (OVP) that can be used to monitor either the input or output.



FEATURES

All-In-One Synchronous Buck Driver

One PWM Signal Generates Both Drives

Anticross-Conduction Protection Circuitry

Programmable Transition Delay

Synchronous Override Control

Undervoltage Lockout

Programmable Overvoltage Shutdown

VCC Good Signal Drives Auxiliary Circuits

Shutdown Quiescent Current < 10 A




Similar Part No. - ADP3410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3412JR AD-ADP3412JR Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
ADP3413JR AD-ADP3413JR Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
More results


Similar Description - ADP3410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3415 AD-ADP3415 Datasheet
166Kb / 12P
Dual MOSFET Driver with Bootstrapping
1/04-Data Sheet changed from REV. A to REV. B.
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com