Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3410 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3410
Description  Dual MOSFET Driver with Bootstrapping
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3410 Datasheet(HTML) 1 Page - Analog Devices

  ADP3410 Datasheet HTML 1Page - Analog Devices ADP3410 Datasheet HTML 2Page - Analog Devices ADP3410 Datasheet HTML 3Page - Analog Devices ADP3410 Datasheet HTML 4Page - Analog Devices ADP3410 Datasheet HTML 5Page - Analog Devices ADP3410 Datasheet HTML 6Page - Analog Devices ADP3410 Datasheet HTML 7Page - Analog Devices ADP3410 Datasheet HTML 8Page - Analog Devices ADP3410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADP3410
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Dual MOSFET Driver
with Bootstrapping
FEATURES
All-In-One Synchronous Buck Driver
One PWM Signal Generates Both Drives
Anticross-Conduction Protection Circuitry
Programmable Transition Delay
Synchronous Override Control
Undervoltage Lockout
Programmable Overvoltage Shutdown
VCC Good Signal Drives Auxiliary Circuits
Shutdown Quiescent Current < 10
A
APPLICATIONS
Mobile Computing CPU Core Power Converters
Multiphase Desktop CPU Supplies
Single-Supply Synchronous Buck Converters
Standard-to-Synchronous Converter Adaptations
GENERAL DESCRIPTION
The ADP3410 is a dual MOSFET driver optimized for driving
two N-channel FETs that are the two switches in the non-
isolated synchronous buck power converter topology. Each of
the drivers is capable of driving a 3000 pF load with a 20 ns
propagation delay and a 30 ns transition time. One of the drivers
can be bootstrapped, and is designed to handle the high-voltage
slew rate associated with “floating” high-side gate drivers. The
ADP3410 has several protection features: overlapping drive
prevention (ODP), undervoltage lockout (UVLO) with perform-
ance specified at very low VCC levels, and overvoltage protection
(OVP) that can be used to monitor either the input or output.
Additional features include: programmable transition delay, a
synchronous drive override control pin, a synchronous drive
status monitor and, in conjunction with exiting from the UVLO
mode, a VCC Good (VCCGD) signal capable of driving a 10 mA
load. The quiescent current, when the device is disabled, is less
than 10
µA.
GND
PGND
SD
IN
DRVLSD
SRMON
OVPSET
DLY
VCC
VCCGD
BST
DRVH
SW
DRVL
ADP3410
TO PWM
CONTROLLER
5V
VBATT
VOUT
Figure 1. Typical Application Circuit
FUNCTIONAL BLOCK DIAGRAM
VCC
VCC
CONTROL
AND
OVERLAP
PROTECTION
CIRCUIT
ADP3410
4.4V
1.2V
VCC
VCCGD
GND
SD
IN
DLY
OVPSET
DRVLSD
PGND
BST
DRVH
SW
DRVL
SRMON


Similar Part No. - ADP3410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3412JR AD-ADP3412JR Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
ADP3413JR AD-ADP3413JR Datasheet
142Kb / 8P
Dual Bootstrapped MOSFET Driver with Output Disable
REV.0
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
More results

Similar Description - ADP3410

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
Dual MOSFET Driver with Bootstrapping
REV.0
ADP3415 AD-ADP3415 Datasheet
166Kb / 12P
Dual MOSFET Driver with Bootstrapping
1/04-Data Sheet changed from REV. A to REV. B.
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Sensitron
SPM4007010 SENSITRON-SPM4007010 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
SPM4012006 SENSITRON-SPM4012006 Datasheet
63Kb / 5P
Dual MOSFET BRIDGE, With Gate Driver
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102_04 Datasheet
250Kb / 8P
High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 2.0 Aug 31, 2004
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com