Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3410 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3410
Description  Dual MOSFET Driver with Bootstrapping
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3410 Datasheet(HTML) 2 Page - Analog Devices

  ADP3410 Datasheet HTML 1Page - Analog Devices ADP3410 Datasheet HTML 2Page - Analog Devices ADP3410 Datasheet HTML 3Page - Analog Devices ADP3410 Datasheet HTML 4Page - Analog Devices ADP3410 Datasheet HTML 5Page - Analog Devices ADP3410 Datasheet HTML 6Page - Analog Devices ADP3410 Datasheet HTML 7Page - Analog Devices ADP3410 Datasheet HTML 8Page - Analog Devices ADP3410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
REV. 0
–2–
ADP3410–SPECIFICATIONS1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Supply Voltage Range
VCC
4.15
5.0
6.0
V
Quiescent Current
ICCQ
Shutdown Mode
VSD < 0.8 V
10
µA
Operating Mode
VSD > 2.0 V, No Switching
1
2
mA
VCCGD OUTPUT
Output Voltage High
VCC = 4.6 V, ILOAD = 10 mA
4.5
4.55
V
Output Voltage Low
VCC < UVLO, ILOAD = 10
µA
0.1
0.2
V
VCCGD Propagation Delay
2, 3
tpdhVCCGD,
SD Goes High
10
µs
(See Figure 4)
tpdlVCCGD
SD Goes Low
10
µs
SYNCHRONOUS RECTIFIER
MONITOR
Output Voltage High
4.15
V
Output Voltage Low
VCC = 4.6 V, CLOAD = 100 pF
50
mV
Transition Time
2
trSRMON, tfSRMON VCC = 4.6 V, CLOAD = 100 pF
20
ns
Propagation Delay
2, 3
tpdhSRMON
DRVLSD Is High and
15
ns
DRVL Goes High, or
DRVLSD Goes Low
tpdlSRMON
DRVLSD Is High and
15
ns
DRVL Goes Low
UNDERVOLTAGE LOCKOUT
UVLO Threshold
4.2
4.4
4.6
V
UVLO Hysteresis
0.05
V
UVLO Logic Active Threshold
1.5
V
UVLO2, 3 Propagation Delay
tpdhUVLO
VCC Goes High
10
µs
(See Figure 5)
tpdlUVLO
VCC Goes Low
10
µs
OVERVOLTAGE PROTECTION
Trip Threshold
1.145 1.2
1.255
V
Hysteresis
0.8
V
Bias Current
0.2
1.0
µA
OVP2, 3, 4 Propagation Delay
tpdhOVP
VCC = 4.6 V, OVPSET Goes High
0.5
µs
SYNCHRONOUS RECTIFIER ENABLE
DRVLSD
Input Voltage High
5
2.0
V
Input Voltage Low
5
0.8
V
Propagation Delay
2, 3
tpdlDRVLSD,VCC = 4.6 V,
30
ns
(See Figure 3)
tpdhDRVLSD
CLOAD (DRVL) = 3 nF
SD INPUT
Input Voltage High5
2.0
V
Input Voltage Low5
0.8
V
PWM INPUT (IN)
Input Voltage High5
2.0
V
Input Voltage Low5
0.8
V
THERMAL SHUTDOWN
Overtemperature Trip Point
165
°C
OTP Hysteresis
10
°C
HIGH-SIDE DRIVER
Output Resistance, Sourcing Current
VBST – VSW = 4.6 V
2.5
5
Ω
Output Resistance, Sinking Current
VBST – VSW = 4.6 V
2.5
5
Ω
DRVH Transition Times
2
trDRVH,VBST – VSW = 4.6 V, CLOAD = 3 nF
20
35
ns
(See Figure 6)
tfDRVH
DRVH Propagation Delay
2, 3
tpdhDRVH,VBST – VSW = 4.6 V
10
20
Note 6
ns
(See Figure 6)
tpdlDRVH
25
ns
(TA = 0 C to 85 C, VCC = 5 V, VBST = 4 V to 26 V, SD > 2 V, unless otherwise
noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com