Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3410 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3410
Description  Dual MOSFET Driver with Bootstrapping
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3410 Datasheet(HTML) 3 Page - Analog Devices

  ADP3410 Datasheet HTML 1Page - Analog Devices ADP3410 Datasheet HTML 2Page - Analog Devices ADP3410 Datasheet HTML 3Page - Analog Devices ADP3410 Datasheet HTML 4Page - Analog Devices ADP3410 Datasheet HTML 5Page - Analog Devices ADP3410 Datasheet HTML 6Page - Analog Devices ADP3410 Datasheet HTML 7Page - Analog Devices ADP3410 Datasheet HTML 8Page - Analog Devices ADP3410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REV. 0
–3–
ADP3410
Parameter
Symbol
Conditions
Min
Typ Max
Unit
LOW-SIDE DRIVER
Output Resistance, Sourcing Current
VCC = 4.6 V
2.5
5
Ω
Output Resistance, Sinking Current
VCC = 4.6 V
2.5
5
Ω
DRVL Transition Times
2
trDRVL,
VCC = 4.6 V, CLOAD = 3 nF
20
35
ns
(See Figure 6)
tfDRVL
DRVL Propagation Delay
2, 3
tpdhDRVL
VCC = 4.6 V
5
30
ns
(See Figure 6)
tpdlDRVL
25
ns
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2AC specifications are guaranteed by characterization, but not production tested.
3For propagation delays, tpdh refers to the specified signal going high, tpdl refers to it going low.
4Propagation delay measured until DRVL begins its transition.
5Logic inputs meet typical CMOS I/O conditions for source/sink current (~1 mA).
6Maximum propagation delay = 40 ns max + (1 ns/pF
× C
DLY).
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
VCC to PGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
BST to PGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +30 V
BST to SW . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
SW to PGND . . . . . . . . . . . . . . . . . . . . . . . . –2.0 V to +25 V
OVPSET to PGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +10 V
SD, IN, DRVLSD to GND . . . . . . . . . . . . . . –0.3 V to +7.3 V
GND to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Operating Ambient Temperature Range . . . . . . . 0
°C to 85°C
Operating Junction Temperature Range . . . . . . 0
°C to 125°C
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
°C/W
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the ADP3410 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model
Temperature
Package
Package
Range
Description
Option
ADP3410KRU
0
°C to 85°C
Thin Shrink Small RU-14
Outline Package
(TSSOP-14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com