Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2732A Datasheet (PDF) - Intel Corporation

M2732A Datasheet PDF - Intel Corporation
Part # M2732A
Download  M2732A Download
File Size   420.97 Kbytes
Page   6 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 32K (4K X 8) UV ERASABLE PROM

M2732A Datasheet (PDF)

Go To PDF Page Download Datasheet
M2732A Datasheet PDF - Intel Corporation

Part # M2732A
Download  M2732A Click to download

File Size   420.97 Kbytes
Page   6 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 32K (4K X 8) UV ERASABLE PROM

M2732A Datasheet (HTML) - Intel Corporation


M2732A Product details

32K (4K X 8) UV ERASABLE PROM

The Intel M2732A is a 5V only, 32,768 bit ultraviolet erasable and electrically programmable read-only memory (EPROM). The standard M2732As access time is 450 ns with speed selection (M2732A-25) available at 250 ns. The access time is compatible to high performance microprocessors, such as the 5 MHz mIAPX 86/10. in these systems, the M2732A allows the microprocessor to operate without the addition of WAIT states.

■ 250 ns (M2732A-25) Maximum Access Time ... HMOS* -E Technology
■ Compatible to High Speed 5 MHz MiPAX 86/10 MPU ... Zero Wait State
■ Military Temperature Range: -55°C to +125°C (TC)
■ Industry Standard Pinout ... JEDEC Approved
■ Two Line Control
■ Low Standby Current ... 35 mA Max.




Similar Part No. - M2732A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M2732A-20F1 STMICROELECTRONICS-M2732A-20F1 Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M2732A-20F6 STMICROELECTRONICS-M2732A-20F6 Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M2732A-25F1 STMICROELECTRONICS-M2732A-25F1 Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M2732A-25F6 STMICROELECTRONICS-M2732A-25F6 Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
More results


Similar Description - M2732A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2532 MOTOROLA-MCM2532 Datasheet
208Kb / 6P
4096 x 8-BIT UV ERASABLE PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
32k-Bit (4k x 8) UV Erasable PROM
logo
NTE Electronics
NTE2732A NTE-NTE2732A Datasheet
45Kb / 6P
Integrated Circuit 32K (4K x 8) NMOS UV Erasable PROM
logo
Intel Corporation
M27256 INTEL-M27256 Datasheet
554Kb / 9P
256K(32K x 8) UV ERASABLE PROM
M2764A INTEL-M2764A Datasheet
622Kb / 9P
AVDVANCED 64K (8K x 8) UV ERASABLE PROM
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Intel Corporation
M2716 INTEL-M2716 Datasheet
400Kb / 7P
16K (2K x 8) UV ERASABLE PROM
M27128A INTEL-M27128A Datasheet
555Kb / 9P
Advanced 128K(16 x 8) UV Erasable PROM
logo
National Semiconductor ...
NMC27C256 NSC-NMC27C256 Datasheet
325Kb / 9P
262, 144-Bit (32k X 8) UV Erasable CMOS PROM
logo
STMicroelectronics
ETC2732 STMICROELECTRONICS-ETC2732 Datasheet
485Kb / 10P
32K BIT (4Kx8) CMOS UV ERASABLE PROM
Jun-1988
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com