Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC2732 Datasheet (PDF) - STMicroelectronics

ETC2732 Datasheet PDF - STMicroelectronics
Part # ETC2732
Download  ETC2732 Download
File Size   485.64 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32K BIT (4Kx8) CMOS UV ERASABLE PROM

ETC2732 Datasheet (PDF)

Go To PDF Page Download Datasheet
ETC2732 Datasheet PDF - STMicroelectronics

Part # ETC2732
Download  ETC2732 Click to download

File Size   485.64 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32K BIT (4Kx8) CMOS UV ERASABLE PROM

ETC2732 Datasheet (HTML) - STMicroelectronics


ETC2732 Product details

■CMOS POWER CONSUMPTION: 26.25 mW
MAX ACTIVE POWER, 0.53 mW MAX
STANDBY POWER
■4096 x 8 ORGANIZZATION
■PIN COMPATIBLE TO M/ET2716, ETC2716,
M2732A,
■ ACCESS TIME DOWN TO 350 ns
■ SINGLE 5V POWER SUPPLY
STATIC - NO CLOCKS REQUIRED
■ TTL COMPATIBLE I/OS DURING BOTH READ
AND PROGRAM MODES
■THREE-STATE OUTPUT WITH OR-TIE
CAPABILITY
■OPER. TEMP.: 0 to +70°C; -40 to +85°C
(V suffix).

DESCRIPTION
The ETC2732 is a high speed 32K UV erasable and
electrically reprogrammable CMOS EPROM, ideal-
ly suited for applications where fast turn-around,
pattern experimentation and low power consump-
tion are important requirements.
The ETC2732 is packaged in a 24-pin dual-in-line
package with transparent lid. The transparent lid
allows the user to expose the chip to ultraviolet light
to erase the bit pattern. A new pattern can then be
written into the device by following the program-
ming procedure. This EPROM is fabricated with the
reliable, high volume, time proven, P2 CMOS sili-
con gate technology.




Similar Part No. - ETC2732

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETC2716 STMICROELECTRONICS-ETC2716 Datasheet
255Kb / 9P
16K BIT CMOS UV ERASABLE PROM
ETC2716Q STMICROELECTRONICS-ETC2716Q Datasheet
255Kb / 9P
16K BIT CMOS UV ERASABLE PROM
More results


Similar Description - ETC2732

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2532 MOTOROLA-MCM2532 Datasheet
208Kb / 6P
4096 x 8-BIT UV ERASABLE PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
32k-Bit (4k x 8) UV Erasable PROM
logo
NTE Electronics
NTE2732A NTE-NTE2732A Datasheet
45Kb / 6P
Integrated Circuit 32K (4K x 8) NMOS UV Erasable PROM
logo
Intel Corporation
M27256 INTEL-M27256 Datasheet
554Kb / 9P
256K(32K x 8) UV ERASABLE PROM
logo
STMicroelectronics
ETC2716Q STMICROELECTRONICS-ETC2716Q Datasheet
255Kb / 9P
16K BIT CMOS UV ERASABLE PROM
logo
National Semiconductor ...
NMC2764 NSC-NMC2764 Datasheet
284Kb / 8P
65,536-BIT (8192x8) UV ERASABLE PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
32K (4K X 8) UV ERASABLE PROM
logo
National Semiconductor ...
MM2716 NSC-MM2716 Datasheet
293Kb / 7P
16,384-Bit(2048x8) UV Erasable PROM
logo
List of Unclassifed Man...
AM27512 ETC1-AM27512 Datasheet
437Kb / 8P
65,536x8-Bit UV Erasable PROM
logo
National Semiconductor ...
NMC27C256 NSC-NMC27C256 Datasheet
325Kb / 9P
262, 144-Bit (32k X 8) UV Erasable CMOS PROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com