Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1027NF Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1027NF Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1027NF
Download  MM1027NF Download
File Size   121.6 Kbytes
Page   11 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description System Reset (with battery back-up) Monolithic IC

MM1027NF Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1027NF Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1027NF
Download  MM1027NF Click to download

File Size   121.6 Kbytes
Page   11 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description System Reset (with battery back-up) Monolithic IC

MM1027NF Datasheet (HTML) - Mitsumi Electronics, Corp.


MM1027NF Product details

Outline

These ICs were developed for STATIC-RAM (S-RAM) battery back-up, and have built-in switching circuit for main power supply and battery, back-up timing circuit and battery checker.



Features

1. Battery back-up

  1. Low IC current consumption (loss current) 0.3µA typ.

  2. Drop voltage inside IC (input/output voltage difference) IO=10µA 0.2V typ.

  3. Reverse current (reverse leak current) 0.1µA max.

2. Normal operation

  MM1027

    Drop voltage inside IC (input/output voltage difference) IO=70mA 0.2V typ.

    Output voltage VCC=5V IO=10mA 4.8V typ.

    Current consumption D.CONT OPEN 3.0mA max.

    External transistor drive current 25mA typ.

  MM1081

    Drop voltage inside IC (input/output voltage difference) IO=120mA 0.25V typ.

    Output voltage VCC=5V IO=120mA 4.75V typ.

    Current consumption 350µA max.

    External transistor drive current (for output current increase) 25mA typ.

    TC source current 3.0µA typ.

3. Battery-Vcc switching voltage 3.3V typ.

4. Detection voltage (CS, CS ------------------------------------------------) variable 4.2V typ.

5. Battery checker 1 X type 2.70V typ.

                          N type 2.50V typ.

6. Battery checker 2 X type 2.55V typ.

                           N type 2.35V typ.



Applications

1. IC memory cards (RAM cards)

2. PCs, word processors

3. Fax machines, photocopiers, other office equipment

4. Other equipment with S-RAMs (equipment requiring back-up)




Similar Part No. - MM1027NF

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1024 MITSUMI-MM1024 Datasheet
146Kb / 5P
S Video Amplifier Monolithic IC MM1024
MM1024AF MITSUMI-MM1024AF Datasheet
146Kb / 5P
S Video Amplifier Monolithic IC MM1024
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
System Reset (with battery back-up) Monolithic IC
logo
Mitsubishi Electric Sem...
MM1026 MITSUBISHI-MM1026 Datasheet
306Kb / 10P
Monolithic IC MM1026, 1245, 1080 ,1134
logo
Mitsumi Electronics, Co...
MM1029 MITSUMI-MM1029 Datasheet
144Kb / 5P
S Video Amplifier
More results


Similar Description - MM1027NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62021L MITSUBISHI-M62021L Datasheet
112Kb / 9P
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
M62023L MITSUBISHI-M62023L Datasheet
47Kb / 4P
SYSTEM RESET IC WITH SWITCH FOR MEMORY BACK-UP
logo
Mitsumi Electronics, Co...
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
SYSTEM RESET Monolithic IC
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
System Reset Monolithic IC
PST620 MITSUMI-PST620 Datasheet
193Kb / 6P
System Reset (with battery back-up) Monolithic IC
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
System Reset (with battery back-up) Monolithic IC
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
System Reset (with watchdog timerbattery back-up)
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
IC for System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
logo
Renesas Technology Corp
M62023L RENESAS-M62023L_07 Datasheet
207Kb / 13P
System Reset IC with Switch for 3V Memory Back-up
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com