Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIUD401ED Datasheet (PDF) - Vishay Siliconix

SIUD401ED Datasheet PDF - Vishay Siliconix
Part # SIUD401ED
Download  SIUD401ED Download
File Size   225.39 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 30 V (D-S) MOSFET

SIUD401ED Datasheet (PDF)

Go To PDF Page Download Datasheet
SIUD401ED Datasheet PDF - Vishay Siliconix

Part # SIUD401ED
Download  SIUD401ED Click to download

File Size   225.39 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 30 V (D-S) MOSFET

SIUD401ED Datasheet (HTML) - Vishay Siliconix


SIUD401ED Product details

• TrenchFET® Gen III p-channel power MOSFET
• Ultra small 0.8 mm x 0.6 mm outline
• Ultra thin 0.4 mm max. height
• Typical ESD protection 1300 (HBM)
• -2.5 V rated RDS(on)
• 100 % Rg tested




Similar Part No. - SIUD401ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIUD402ED VISHAY-SIUD402ED Datasheet
223Kb / 9P
N-Channel 20 V (D-S) MOSFET
26-Oct-2020
SIUD403ED VISHAY-SIUD403ED Datasheet
186Kb / 7P
P-Channel 20 V (D-S) MOSFET
08-Aug-16
SIUD403ED VISHAY-SIUD403ED Datasheet
227Kb / 9P
P-Channel 20 V (D-S) MOSFET
Rev. C, 26-Oct-2020
SIUD403ED-T1-GE3 VISHAY-SIUD403ED-T1-GE3 Datasheet
227Kb / 9P
P-Channel 20 V (D-S) MOSFET
Rev. C, 26-Oct-2020
SIUD403ED VISHAY-SIUD403ED_V01 Datasheet
227Kb / 9P
P-Channel 20 V (D-S) MOSFET
Rev. C, 26-Oct-2020
More results


Similar Description - SIUD401ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com