Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIUD402ED Datasheet (PDF) - Vishay Siliconix

SIUD402ED Datasheet PDF - Vishay Siliconix
Part # SIUD402ED
Download  SIUD402ED Download
File Size   223.79 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20 V (D-S) MOSFET

SIUD402ED Datasheet (PDF)

Go To PDF Page Download Datasheet
SIUD402ED Datasheet PDF - Vishay Siliconix

Part # SIUD402ED
Download  SIUD402ED Click to download

File Size   223.79 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 20 V (D-S) MOSFET

SIUD402ED Datasheet (HTML) - Vishay Siliconix


SIUD402ED Product details

FEATURES
• TrenchFET® power MOSFET
• Ultra small 0.8 mm x 0.6 mm outline
• Ultra thin 0.4 mm max. height
• 100 % Rg tested
• Typical ESD protection 2000 V (HBM)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Load switch
• High speed switching
• DC/DC converters
• For smart phones, tablet PCs and
mobile computing
• Small signal switching




Similar Part No. - SIUD402ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIUD401ED VISHAY-SIUD401ED Datasheet
225Kb / 8P
P-Channel 30 V (D-S) MOSFET
Rev. B, 26-Oct-2020
SIUD401ED-T1-GE3 VISHAY-SIUD401ED-T1-GE3 Datasheet
225Kb / 8P
P-Channel 30 V (D-S) MOSFET
Rev. B, 26-Oct-2020
SIUD403ED VISHAY-SIUD403ED Datasheet
186Kb / 7P
P-Channel 20 V (D-S) MOSFET
08-Aug-16
SIUD403ED VISHAY-SIUD403ED Datasheet
227Kb / 9P
P-Channel 20 V (D-S) MOSFET
Rev. C, 26-Oct-2020
SIUD403ED-T1-GE3 VISHAY-SIUD403ED-T1-GE3 Datasheet
227Kb / 9P
P-Channel 20 V (D-S) MOSFET
Rev. C, 26-Oct-2020
More results


Similar Description - SIUD402ED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1906DL VISHAY-SI1906DL Datasheet
43Kb / 4P
N-Channel 20-V (D-S) MOSFET
28-Aug-00
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
N-Channel 20-V (D-S) MOSFET
15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Oct-05
SI7348DP VISHAY-SI7348DP Datasheet
50Kb / 5P
N-Channel 20-V (D-S) MOSFET
31-Mar-03
SI5432DC VISHAY-SI5432DC Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
22-Sep-08
logo
Guangdong Kexin Industr...
KI2314EDS KEXIN-KI2314EDS Datasheet
50Kb / 2P
N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SIR440DP VISHAY-SIR440DP Datasheet
112Kb / 7P
N-Channel 20-V (D-S) MOSFET
04-Aug-08
SIR484DP VISHAY-SIR484DP Datasheet
126Kb / 7P
N-Channel 20-V (D-S) MOSFET
03-Nov-08
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
N-Channel 20 V (D-S) MOSFET
30-Apr-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com