Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHB4201 Datasheet (PDF) - Vishay Siliconix

TLHB4201 Datasheet PDF - Vishay Siliconix
Part # TLHB4201
Download  TLHB4201 Download
File Size   112.6 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package

TLHB4201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLHB4201 Datasheet PDF - Vishay Siliconix

Part # TLHB4201
Download  TLHB4201 Click to download

File Size   112.6 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package

TLHB4201 Datasheet (HTML) - Vishay Siliconix


TLHB4201 Product details

• GaN on SiC technology
• Standard ∅ 3 mm (T-1) package
• Small mechanical tolerances
• Medium viewing angle
• Very high intensity
• Luminous intensity categorized
• ESD class 1
• Lead (Pb)-free device




Similar Part No. - TLHB4201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB4201 VISHAY-TLHB4201 Datasheet
70Kb / 5P
High Efficiency Blue LED, 3 mm Tinted Non.Diffused Package
04-Feb-99
TLHB4201 VISHAY-TLHB4201 Datasheet
163Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
30-Aug-04
More results


Similar Description - TLHB4201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB440 VISHAY-TLHB440 Datasheet
71Kb / 5P
High Efficiency Blue LED, 3 mm Tinted Diffused
04-Feb-99
TLHR52 VISHAY-TLHR52 Datasheet
130Kb / 9P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
04-Feb-99
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
High Efficiency LED in 3 mm Tinted Diffused Package
31-Aug-04
TLHG5205 VISHAY-TLHG5205 Datasheet
248Kb / 8P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
31-Aug-04
TLHB420 VISHAY-TLHB420_04 Datasheet
163Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
30-Aug-04
TLHY6201 VISHAY-TLHY6201 Datasheet
184Kb / 8P
High Efficiency LED, 5 mm Tinted Non-Diffused Package
25-Jul-13
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Diffused Package
20-Sep-07
TLHG420 VISHAY-TLHG420_V01 Datasheet
215Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
TLVB4200 VISHAY-TLVB4200_V01 Datasheet
485Kb / 5P
Backlighting Blue LED, Ø 3 mm Tinted Non-Diffused Package
14-Oct-14
TLHY420 VISHAY-TLHY420_V02 Datasheet
214Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
26-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com