Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHB440 Datasheet (PDF) - Vishay Siliconix

TLHB440 Datasheet PDF - Vishay Siliconix
Part # TLHB440
Download  TLHB440 Download
File Size   71.15 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency Blue LED, 3 mm Tinted Diffused

TLHB440 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLHB440 Datasheet PDF - Vishay Siliconix

Part # TLHB440
Download  TLHB440 Click to download

File Size   71.15 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency Blue LED, 3 mm Tinted Diffused

TLHB440 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - TLHB440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB4400 VISHAY-TLHB4400 Datasheet
114Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Diffused Package
20-Sep-07
TLHB4401 VISHAY-TLHB4401 Datasheet
114Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Diffused Package
20-Sep-07
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Diffused Package
20-Sep-07
More results


Similar Description - TLHB440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB540 VISHAY-TLHB540 Datasheet
70Kb / 5P
High Efficiency Blue LED, 5 mm Tinted Diffused Package
04-Feb-99
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
High Efficiency LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHR46 VISHAY-TLHR46 Datasheet
101Kb / 8P
High Efficiency LED, 3 mm Tinted Total Diffused
04-Feb-99
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
High Efficiency LED in 3 mm Tinted Diffused Package
31-Aug-04
TLHG4605 VISHAY-TLHG4605 Datasheet
101Kb / 8P
High Efficiency LED, 3 mm Tinted Total Diffused
04-Feb-99
TLHB420 VISHAY-TLHB420_04 Datasheet
163Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
30-Aug-04
TLHB420 VISHAY-TLHB420_V01 Datasheet
112Kb / 5P
High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
17-Sep-07
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Diffused Package
20-Sep-07
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com