Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLHB4401 Datasheet (PDF) - Vishay Siliconix

TLHB4401 Datasheet PDF - Vishay Siliconix
Part # TLHB4401
Download  TLHB4401 Download
File Size   114.3 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency Blue LED, ∅ 3 mm Tinted Diffused Package

TLHB4401 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLHB4401 Datasheet PDF - Vishay Siliconix

Part # TLHB4401
Download  TLHB4401 Click to download

File Size   114.3 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Efficiency Blue LED, ∅ 3 mm Tinted Diffused Package

TLHB4401 Datasheet (HTML) - Vishay Siliconix


TLHB4401 Product details

• GaN on SiC technology
• Standard ∅ 3 mm (T-1) package
• Small mechanical tolerances
• Wide viewing angle
• Very high intensity
• Luminous intensity categorized
• ESD class 1
• Lead (Pb)-free device




Similar Part No. - TLHB4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB4401 VISHAY-TLHB4401 Datasheet
71Kb / 5P
High Efficiency Blue LED, 3 mm Tinted Diffused
04-Feb-99
More results


Similar Description - TLHB4401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB440 VISHAY-TLHB440 Datasheet
71Kb / 5P
High Efficiency Blue LED, 3 mm Tinted Diffused
04-Feb-99
TLHB540 VISHAY-TLHB540 Datasheet
70Kb / 5P
High Efficiency Blue LED, 5 mm Tinted Diffused Package
04-Feb-99
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
High Efficiency LED in 3 mm Tinted Diffused Package
04-Feb-99
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
High Efficiency LED in 3 mm Tinted Diffused Package
31-Aug-04
TLHB420 VISHAY-TLHB420_04 Datasheet
163Kb / 6P
High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
30-Aug-04
TLHB420 VISHAY-TLHB420_V01 Datasheet
112Kb / 5P
High Efficiency Blue LED, ∅ 3 mm Tinted Non-Diffused Package
17-Sep-07
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLHG44K1L2 VISHAY-TLHG44K1L2_V01 Datasheet
113Kb / 5P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
15-Sep-2021
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
19-Apr-17
TLHG440 VISHAY-TLHG440_V02 Datasheet
213Kb / 11P
High Efficiency LED in Ø 3 mm Tinted Diffused Package
29-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com