Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2880561 Datasheet (PDF) - PHOENIX CONTACT

2880561 Datasheet PDF - PHOENIX CONTACT
Part # 2880561
Download  2880561 Download
File Size   113.03 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Surge protection device - C-SAT-BOX

2880561 Datasheet (PDF)

Go To PDF Page Download Datasheet
2880561 Datasheet PDF - PHOENIX CONTACT

Part # 2880561
Download  2880561 Click to download

File Size   113.03 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Surge protection device - C-SAT-BOX

2880561 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 2880561

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
logo
Adafruit Industries
2880 ADAFRUIT-2880 Datasheet
204Kb / 3P
2-pin JST SM Plug Receptacle Cable Set
2/19/2016
logo
Multicomp Pro
2880 MULTICOMP-2880 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
PHOENIX CONTACT
2880024 PHOENIX-2880024 Datasheet
366Kb / 9P
PT 2X1VA/S1-230AC-ST - Surge protection plug
2880134 PHOENIX-2880134 Datasheet
64Kb / 5P
19" rack with 20 surge protected ports for data interfaces in Ethernet (1000Base-T), Token Ring and FDDI/CDDI networks in acc. with Class D/EN 50173 (CAT5e), connection on the protective device: RJ45 sockets
More results


Similar Description - 2880561

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SPD-20 MEANWELL-SPD-20_11 Datasheet
246Kb / 1P
20kA Surge Protection Device
logo
StarHope
SPE06SB SPSEMI-SPE06SB Datasheet
775Kb / 2P
Surge & ESD Protection Device
SPE06RB SPSEMI-SPE06RB Datasheet
852Kb / 2P
Surge & ESD Protection Device
logo
ON Semiconductor
NSPM2051 ONSEMI-NSPM2051 Datasheet
99Kb / 6P
ESD & Surge Protection Device
March, 2017 ??Rev. 3
logo
Mean Well Enterprises C...
SPD-20 MEANWELL-SPD-20 Datasheet
501Kb / 2P
20kA Surge Protection Device
SPD-10S-277S MEANWELL-SPD-10S-277S Datasheet
98Kb / 4P
10kA Surge Protection Device
logo
PHOENIX CONTACT
2763701 PHOENIX-2763701 Datasheet
109Kb / 7P
Surge protection device - C-UB/E
09/12/2020
2856993 PHOENIX-2856993 Datasheet
291Kb / 5P
Surge protection device - C-TV-SAT
12/24/2021
2763604 PHOENIX-2763604 Datasheet
176Kb / 5P
Surge protection device - C-UFB- 5DC/E 75
12/24/2021
2782300 PHOENIX-2782300 Datasheet
178Kb / 5P
Surge protection device - C-UFB- 5DC/E
12/24/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com