Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSMF1020 Datasheet (PDF) - Vishay Siliconix

TSMF1020 Datasheet PDF - Vishay Siliconix
Part # TSMF1020
Download  TSMF1020 Download
File Size   220.76 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero

TSMF1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSMF1020 Datasheet PDF - Vishay Siliconix

Part # TSMF1020
Download  TSMF1020 Click to download

File Size   220.76 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero

TSMF1020 Datasheet (HTML) - Vishay Siliconix


TSMF1020 Product details

• Package type: surface mount
• Package form: GW, RGW, yoke, axial
• Dimensions (L x W x H in mm): 2.5 x 2 x 2.7
• Peak wavelength λp = 890 nm
• High radiant power
• Angle of half intensity: φ = ± 17°
• Low forward voltage
• Suitable for high pulse current operation
• Versatile terminal configurations
• Package matches with detector TEMD1000
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Compliant to RoHS Directive 2002/95/EC and in
accordance with WEEE 2002/96/EC




Similar Part No. - TSMF1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1020 VISHAY-TSMF1020 Datasheet
491Kb / 9P
High Speed IR Emitting Diode in SMD Package
21-May-03
TSMF1020 VISHAY-TSMF1020 Datasheet
220Kb / 9P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
TSMF1020 VISHAY-TSMF1020 Datasheet
183Kb / 9P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
30-Jun-11
TSMF1020 VISHAY-TSMF1020 Datasheet
173Kb / 10P
High Speed Infrared Emitting Diode, RoHS-Compliant, 890 nm, Surface Emitter Technology
22-Oct-2021
More results


Similar Description - TSMF1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHF5210 VISHAY-TSHF5210_08 Datasheet
110Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
TSHF5410 VISHAY-TSHF5410_08 Datasheet
110Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
TSHF6410 VISHAY-TSHF6410 Datasheet
109Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
TSSF4500 VISHAY-TSSF4500_08 Datasheet
91Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
VSMF3710 VISHAY-VSMF3710_08 Datasheet
136Kb / 6P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
31-Jul-08
TSMF1030 VISHAY-TSMF1030 Datasheet
220Kb / 9P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
TSHF4410 VISHAY-TSHF4410 Datasheet
97Kb / 5P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
16-Sep-08
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
25-Jun-09
TSMF1000 VISHAY-TSMF1000_11 Datasheet
183Kb / 9P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
30-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com