Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSMF1020 Datasheet (PDF) - Vishay Siliconix

TSMF1020 Datasheet PDF - Vishay Siliconix
Part # TSMF1020
Download  TSMF1020 Download
File Size   173.03 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, RoHS-Compliant, 890 nm, Surface Emitter Technology

TSMF1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSMF1020 Datasheet PDF - Vishay Siliconix

Part # TSMF1020
Download  TSMF1020 Click to download

File Size   173.03 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Speed Infrared Emitting Diode, RoHS-Compliant, 890 nm, Surface Emitter Technology

TSMF1020 Datasheet (HTML) - Vishay Siliconix


TSMF1020 Product details

DESCRIPTION
TSMF1000 series are infrared, 890 nm emitting diodes
based on surface emitter chip technology with high radiant
power and high speed, molded in clear, untinted plastic
packages (with lens) for surface mounting (SMD).

FEATURES
• Package type: surface-mount
• Package form: GW, RGW, yoke
• Dimensions (L x W x H in mm): 2.5 x 2 x 2.7
• Peak wavelength: λp = 890 nm
• High radiant power
• Angle of half intensity: ϕ = ± 11°
• Low forward voltage
• Suitable for high pulse current operation
• Package matches with detector TEMD1000
• Floor life: 168 h, MSL 3, according to J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - TSMF1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF1020 VISHAY-TSMF1020 Datasheet
491Kb / 9P
High Speed IR Emitting Diode in SMD Package
21-May-03
TSMF1020 VISHAY-TSMF1020 Datasheet
220Kb / 9P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
04-Sep-08
TSMF1020 VISHAY-TSMF1020 Datasheet
183Kb / 9P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
30-Jun-11
TSMF1020 VISHAY-TSMF1020 Datasheet
220Kb / 9P
High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
30-Jun-11
More results


Similar Description - TSMF1020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMY5890X01 VISHAY-VSMY5890X01 Datasheet
130Kb / 6P
High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
11-Apr-2019
VSMY5890X01 VISHAY-VSMY5890X01_V01 Datasheet
130Kb / 6P
High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
11-Apr-2019
TSHF5211 VISHAY-TSHF5211 Datasheet
147Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, Surface Emitter Technology
09-May-2022
VSMY2890GX01 VISHAY-VSMY2890GX01 Datasheet
204Kb / 9P
High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
17-Jul-2019
VSMY2893GX01 VISHAY-VSMY2893GX01 Datasheet
216Kb / 11P
High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
17-Jul-2019
VSMY2893RGX01 VISHAY-VSMY2893RGX01 Datasheet
216Kb / 11P
High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
17-Jul-2019
VSMY3890X01 VISHAY-VSMY3890X01 Datasheet
142Kb / 6P
High Speed Infrared Emitting Diode, 890 nm, Surface Emitter Technology
31-Oct-2018
VSMY2890GX01 VISHAY-VSMY2890GX01_V01 Datasheet
204Kb / 9P
High Speed Infrared Emitting Diodes, 890 nm, Surface Emitter Technology
17-Jul-2019
VSMY3890X01 VISHAY-VSMY3890X01_V01 Datasheet
142Kb / 6P
High Speed Infrared Emitting Diode, 890 nm, Surface Emitter Technology
31-Oct-2018
TSHF5211 VISHAY-TSHF5211_V01 Datasheet
147Kb / 5P
High Speed Infrared Emitting Diode, 890 nm, Surface Emitter Technology
09-May-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com