Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR3060P Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

MUR3060P Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # MUR3060P
Download  MUR3060P Download
File Size   2262.5 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Super-Fast Recovery Diodes 30A FRED Pt

MUR3060P Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR3060P Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MUR3060P
Download  MUR3060P Click to download

File Size   2262.5 Kbytes
Page   4 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Super-Fast Recovery Diodes 30A FRED Pt

MUR3060P Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd




Similar Part No. - MUR3060P

ManufacturerPart #DatasheetDescription
logo
RFE international
MUR3060P RFE-MUR3060P Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR3060P 30A FRED Pt
28-10-2020
logo
Shenzhen Luguang Electr...
MUR3060P LUGUANG-MUR3060P Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRED Pt
Revision:20240607-P1
logo
Thinki Semiconductor Co...
MUR3060P THINKISEMI-MUR3060P Datasheet
1Mb / 3P
THINKISEMI 30Ampere,600Volt Single Fast Recovery Epitaxial Diode
Rev.16T
logo
Shenzhen Luguang Electr...
MUR3060P3T LUGUANG-MUR3060P3T Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 15A*2 FRED Pt
Revision:20240918-P1
logo
Thinki Semiconductor Co...
MUR3060PA THINKISEMI-MUR3060PA Datasheet
809Kb / 2P
30.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifier
More results


Similar Description - MUR3060P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR460B LUGUANG-MUR460B Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 4A FRED Pt
Revision:20170701-P1
MUR6060SPT LUGUANG-MUR6060SPT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20170701-P1
MUR6030PT LUGUANG-MUR6030PT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20170701-P1
MTSR2060 LUGUANG-MTSR2060 Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRED Pt
Revision:20220701-P1
MTSR2060F LUGUANG-MTSR2060F Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRED Pt
Revision:20220701-P1
MTSR30120 LUGUANG-MTSR30120 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MTSR3060 LUGUANG-MTSR3060 Datasheet
1Mb / 3P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MTSR3060P LUGUANG-MTSR3060P Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRED Pt
Revision:20220701-P1
MUR30120P LUGUANG-MUR30120P Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 30A FRED Pt
Revision:20230411-P1
MUR6020PT LUGUANG-MUR6020PT Datasheet
1Mb / 3P
Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20220701-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com