Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR3060P Datasheet (PDF) - RFE international

MUR3060P Datasheet PDF - RFE international
Part # MUR3060P
Download  MUR3060P Download
File Size   2421.95 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Recifier Diodes MUR3060P 30A FRED Pt

MUR3060P Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR3060P Datasheet PDF - RFE international

Part # MUR3060P
Download  MUR3060P Click to download

File Size   2421.95 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Ultra-Fast Recovery Recifier Diodes MUR3060P 30A FRED Pt

MUR3060P Datasheet (HTML) - RFE international


MUR3060P Product details

Features
Adopt FRED chip

Low forward Voltage drop

Fast reverse recovery time

High frequency operation

High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Guard ring for enhanced ruggedness and long term
reliability




Similar Part No. - MUR3060P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR3060P LUGUANG-MUR3060P Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 30A FRED Pt
Revision:20170701-P1
MUR3060P LUGUANG-MUR3060P Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRED Pt
Revision:20240607-P1
logo
Thinki Semiconductor Co...
MUR3060P THINKISEMI-MUR3060P Datasheet
1Mb / 3P
THINKISEMI 30Ampere,600Volt Single Fast Recovery Epitaxial Diode
Rev.16T
logo
Shenzhen Luguang Electr...
MUR3060P3T LUGUANG-MUR3060P3T Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 15A*2 FRED Pt
Revision:20240918-P1
logo
Thinki Semiconductor Co...
MUR3060PA THINKISEMI-MUR3060PA Datasheet
809Kb / 2P
30.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifier
More results


Similar Description - MUR3060P

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR3060P LUGUANG-MUR3060P Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 30A FRED Pt
Revision:20170701-P1
MUR6060SPT LUGUANG-MUR6060SPT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20170701-P1
MUR6030PT LUGUANG-MUR6030PT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20170701-P1
MUR30120P LUGUANG-MUR30120P Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 30A FRED Pt
Revision:20230411-P1
MUR6020PT LUGUANG-MUR6020PT Datasheet
1Mb / 3P
Ultra-Fast Recovery Diodes 30A*2 FRED Pt
Revision:20220701-P1
logo
RFE international
MUR1640FCT RFE-MUR1640FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1640FCT 8A*2 FRED Pt
22-10-2020
MUR1660FCT RFE-MUR1660FCT Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR1660FCT 8A *2 FRED Pt.
08-10-2020
MUR2020FCT RFE-MUR2020FCT Datasheet
2Mb / 4P
Ultra-Fast Recovery Recifier Diodes Ultra-Fast Recovery Recifier Diodes
28-10-2020
MUR540F RFE-MUR540F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR540F 5A FRED Pt
12-11-2020
MUR560F RFE-MUR560F Datasheet
2Mb / 3P
Ultra-Fast Recovery Recifier Diodes MUR560F 5A FRED Pt
12-11-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com